| Moteur de recherche de fiches techniques de composants électroniques |
|
OTPS63MLP Fiches technique(PDF) 7 Page - ABB |
|
|
|||||||||||||||||||||||||||||
OTPS63MLP Fiches technique(HTML) 7 Page - ABB |
|
7 / 192 page ![]() Whether it is for demanding motor load disconnecting or simple isolation applications, we offer a market-leading product portfolio of switch-disconnectors ranging from 16 to 4000 Amperes. Thanks to their modular structure, our switches can serve both manual and motorized applications. These devices also help create purpose-built solutions from directly busbar mountable wide phase models to floor mounted earthing switches. All this with the highest level of performance and reliability. — ABB switch-disconnectors are suited for a wide variety of demanding applications. Typical switch-disconnector applications: Switching of mixed loads for basically any application: • Control panels • Low-voltage switchgears • Low-voltage substations Motor disconnecting in various applications: • Machine builders • Motor control centers • HVAC, pumps and conveyors Heavy industries: • Pulp & Paper • Food & Beverage • Refining & petrochemicals Power generation and renewables: • Wind turbines • Solar plants • Generating sets • Power plants ABB SWITCH-DISCONNECTORS – HIGH PERFORMANCE, COMPACT SOLUTION 7 ABB SWITCH-DISCONNECTORS – HIGH PERFORMANCE, COMPACT SOLUTION 7 |