Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

OTPS40FDN2 Fiches technique(PDF) 98 Page - ABB

No de pièce OTPS40FDN2
Description  Switch-disconnectors High performance, compact solution
PDF  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ABB [ABB]
Site Internet  http://www.abb.com
Logo ABB - ABB

OTPS40FDN2 Fiches technique(HTML) 98 Page - ABB

Back Button OTPS40FDN2 Datasheet HTML 94Page - ABB OTPS40FDN2 Datasheet HTML 95Page - ABB OTPS40FDN2 Datasheet HTML 96Page - ABB OTPS40FDN2 Datasheet HTML 97Page - ABB OTPS40FDN2 Datasheet HTML 98Page - ABB OTPS40FDN2 Datasheet HTML 99Page - ABB OTPS40FDN2 Datasheet HTML 100Page - ABB OTPS40FDN2 Datasheet HTML 101Page - ABB OTPS40FDN2 Datasheet HTML 102Page - ABB Next Button
Zoom Inzoom in Zoom Outzoom out
 98 / 192 page
background image
Front operated switch-disconnectors OT1000...4000, base mounting, IEC
—
Manual switch-disconnectors OT160...4000
Dimensional drawings
mm
in
13,5
0,53
22,5
11
0,89
20
0,79
40
1,57
6
0,24
OT1000-1250E_
50
1,97
306
12,05
OT1600E_
372
14,65
0,43
3,27
83
122
4,80
82
3,23
116
4,57
206
8,11
189
7,44
A
50
1,97
M8
5/16
*)
*)
B
223,2
122
B1
8,79
4,80
176
135
C1
5,31
6,93
232
107
A1
4,21
9,13
176
55
C1
2,17
6,93
223,2
B1
8,79
1,65
42
232
27
A1
1,06
9,13
42
1,65
82
3,23
116
4,57
206
8,11
109
4,29
A
B
M8
5/16
50
1,97
*)
*)
*) N3 types
50
1,97
62,5
2,46
15
0,59
14
0,55
12
0,47
22
0,87
127
178
108
8
min 20
min 0,79
166,5 / 105
6,56 / 4,13 6
0,24
5
167
6,57
7,01
4,25
0,31
8
0,31
*)
167
6,57
251...380 (OXP12x280)
9,84...14,96
131,5
5,18
54
80
70
274
10,79
2,13
2,76
3,15
OT1000/1250/1600E_
[mm/in]
01
02
03
04
11
12
13
22
03W4
04W4
03W8
04W8
A
174,50/6,87 254,50/10,02 334,50/13,17 414,50/16,32 254,50/10,02 334,50/13,17 414,50/16,32 414,50/16,32 454,50/17,89 594,50/23,41 544,50/21,44 729,50/28,72
B
80/3,15
80/3,15
80/3,15
80/3,15
80/3,15
80/3,15
140/5,51
140/5,51
185/7,28
185/7,28
A1
134/5,28
214/8,43
294/11,57
374/14,72
214/8,43
294/11,57
374/14,72
374/14,72
414/16,30
554/21,81
504/19,84
689/27,13
B1
164/6,46
244/9,61
324/12,76
404/15,91
244/9,61
324/12,76
404/15,91
404/15,91
444/17,48
584/22,99
534/21,02
719/28,31
C1
190/7,48
270/10,63
350/13,78
430/16,93
270/10,63
350/13,78
430/16,93
430/16,93
470/18,50
610/24,02
560/22,05
745/29,33
M00135/OT800U-1600E G
OT1000_W, OT1250_W and OT1600_W
Main dimensions mm, inches
OT1000/1250/1600E_
[mm/in] 03W4
04W4
03W8
04W8
A
454,50/17,89
594,50/23,41
554,50/21,44
729,50/28,72
B
140/5,51
140/5,51
185/7,28
185/7,28
A1
414/16,30
554/21,81
504/19,84
689/27,13
B1
444/17,48
584/22,99
534/21,02
719/28,31
C1
470/18,50
610/24,02
560/22,05
745/29,33
M00135/OT800U-1600E G
98
ABB SWITCH-DISCONNECTORS – HIGH PERFORMANCE, COMPACT SOLUTION
98
ABB SWITCH-DISCONNECTORS – HIGH PERFORMANCE, COMPACT SOLUTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More