Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

APM32F103RBT6-R Fiches technique(PDF) 10 Page - Geehy Semiconductor Co., Ltd.

No de pièce APM32F103RBT6-R
Description  Arm® Cortex® -M3 based 32-bit MCU
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  GEEHY [Geehy Semiconductor Co., Ltd.]
Site Internet  https://global.geehy.com/
Logo GEEHY - Geehy Semiconductor Co., Ltd.

APM32F103RBT6-R Fiches technique(HTML) 10 Page - Geehy Semiconductor Co., Ltd.

Back Button APM32F103RBT6-R Datasheet HTML 6Page - Geehy Semiconductor Co., Ltd. APM32F103RBT6-R Datasheet HTML 7Page - Geehy Semiconductor Co., Ltd. APM32F103RBT6-R Datasheet HTML 8Page - Geehy Semiconductor Co., Ltd. APM32F103RBT6-R Datasheet HTML 9Page - Geehy Semiconductor Co., Ltd. APM32F103RBT6-R Datasheet HTML 10Page - Geehy Semiconductor Co., Ltd. APM32F103RBT6-R Datasheet HTML 11Page - Geehy Semiconductor Co., Ltd. APM32F103RBT6-R Datasheet HTML 12Page - Geehy Semiconductor Co., Ltd. APM32F103RBT6-R Datasheet HTML 13Page - Geehy Semiconductor Co., Ltd. APM32F103RBT6-R Datasheet HTML 14Page - Geehy Semiconductor Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 78 page
background image
w w w. g e e h y. c o m
P a g e 9
Figure 4 Distribution Diagram of APM32F103xB Series QFN36 Pins
VDD_2
VSS_2
PA13
PA12
PA11
VDD_1
PA8
PA10
PA9
VDD_3
OSC_IN/PD0
OSC_OUT/PD1
NRST
VSSA
PA2
PA1
VDDA
PA0-WKUP
1
2
3
4
5
9
8
6
7
27
26
25
24
23
19
20
22
21
28
29
30
31
32
36
35
33
34
10
11
12
13
14
15
16
17
18
QFN36
3.2
Pin function description
Table2 Legends/Abbreviations Used in Output Pin Table
Name
Abbreviations
Definitions
Pin Name
Unless otherwise specified in the bracket below the pin name, the pin functions during and after
reset are the same as the actual pin name
Pin type
S
Power pin
I
Only input pin
I/O
I/O pin
I/O structure
FT
FT I/O
5Tf
FT I/O, FM+ function
STDA
3.3V standard I/O, directly connected to ADC
STD
3.3V standard I/O
BOOT0
Dedicated Boot0 pin
NRST
Bidirectional reset pin with built-in weak pull-up resistor
Cautions
Unless otherwise specified in the notes, all I/O is set as floating input during and after reset
Pin
Default
Select/enable this function directly through peripheral register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78