| Moteur de recherche de fiches techniques de composants électroniques |
|
SED1567DBB Fiches technique(PDF) 28 Page - Epson Company |
|
|
|||||||||||||||||||||||||||||
SED1567DBB Fiches technique(HTML) 28 Page - Epson Company |
|
28 / 54 page ![]() S1D15300 Series 5–16 EPSON Rev.1.4 Voltage generator circuit 1–1 Power set command 1–2 when the on-chip power circuit is used 2 when VOUT is input from the outside when the built-in power supply (D2, D1, D0) = (0, 1, 1) is used (triple boosting) (D2, D1, D0) = (1, 1, 1) 3 when V5 is input from the outside 4 when the on-chip power circuit is used (D2, D1, D0) = (0, 0, 1) VSS CAP3- CAP1+ CAP1- CAP2+ CAP2- VOUT V5 VR R3 R2 VDD R1 V1 V2 V3 V4 V5 C2 M/S VDD S1D15300 series VSS CAP3- CAP1+ CAP1- CAP2+ CAP2- VOUT V5 VR V1 V2 V3 V4 V5 M/S VDD S1D15300 series VSS VSS VSS VSS External power supply C1 C1 C1 R3 R2 VDD R1 C2 VDD VDD C1 VSS CAP3- CAP1+ CAP1- CAP2+ CAP2- VOUT V5 VR R3 R2 VDD R1 V1 V2 V3 V4 V5 C2 M/S CL CL VDD S1D15300 series VSS C1 C1 C1 VDD VSS CAP3- CAP1+ CAP1- CAP2+ CAP2- VOUT V5 VR V1 V2 V3 V4 V5 M/S CL VDD S1D15300 series VSS VSS External power supply VDD C2 VDD VSS CAP3- CAP1+ CAP1- CAP2+ CAP2- VOUT V5 VR VDD V1 V2 V3 V4 V5 M/S VDD S1D15300 series VSS External power supply VDD |