| Moteur de recherche de fiches techniques de composants électroniques |
|
TLC271A Fiches technique(PDF) 41 Page - Diodes Incorporated |
|
|
|||||||||||||||||||||||||||||
TLC271A Fiches technique(HTML) 41 Page - Diodes Incorporated |
|
41 / 51 page ![]() TLC271, TLC271A, TLC271B Document number: DS35395 Rev. 1 - 0 41 of 51 www.diodes.com November 2014 © Diodes Incorporated TLC271, TLC271A, TLC271B Application Information (cont.) Parameter measurement circuits Because the TLC271 is optimized for single-supply operation, circuit configurations used for the various tests can present some difficulties since the input signal must be offset from ground. This issue can be avoided by testing the device with split supplies and the output load tied to the negative rail. Example circuits are shown below. (a) Single Supply (b) Split Supply + + - CL RL VDD VI VO + - CL RL VDD VI VO + VDD- Figure 92 Measurement circuit with either single or split supply + (a) Single Supply (b) Split Supply + - CL RL VDD VO + - CL RL VDD VO + VDD- ½ VDD 2 k Ω 20 Ω 20 Ω 2 k Ω 20 Ω 20 Ω Fig 93 Noise measurement with single or split supply + (a) Single Supply (b) Split Supply + - CL VDD VO + - CL VDD VO + VDD- ½ VDD 10 k Ω 100 Ω 10 k Ω VI 100 Ω VI Figure 94 Gain of 100 with single or split supply |