Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

OT2000E03W4P Fiches technique(PDF) 29 Page - ABB

No de pièce OT2000E03W4P
Description  Switch-disconnectors High performance, compact solution
PDF  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ABB [ABB]
Site Internet  http://www.abb.com
Logo ABB - ABB

OT2000E03W4P Fiches technique(HTML) 29 Page - ABB

Back Button OT2000E03W4P Datasheet HTML 25Page - ABB OT2000E03W4P Datasheet HTML 26Page - ABB OT2000E03W4P Datasheet HTML 27Page - ABB OT2000E03W4P Datasheet HTML 28Page - ABB OT2000E03W4P Datasheet HTML 29Page - ABB OT2000E03W4P Datasheet HTML 30Page - ABB OT2000E03W4P Datasheet HTML 31Page - ABB OT2000E03W4P Datasheet HTML 32Page - ABB OT2000E03W4P Datasheet HTML 33Page - ABB Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 192 page
background image
—
Manual switch-disconnectors OT16...160
Dimensional drawings
Front operated 6- and 8-pole switch-disconnectors, base and DIN-rail mounting, IEC and UL/CSA
11
0.43
73,5/2.89
EN 50022
35
1.38
91,5
3.60
5,0
0.20
43,5/1.71
58/2.28
15
0.59
17,5
0.69
17,5
0.69
54
2.13
82,5
3.25
ø4,5/0.18
11
0.43
43,5/1.71
105
37
1.46
OA1G10
OTS63T3
OA1G01
10
0.39
2
0.08
6
0.24
45
1.77
13/OT63-80F6_8
14
0.55
10
0.39
17,5
0.69
OTPS80FP
L
6xA
0.24xA
OTS63T1
45,5/1.79
72,5
2.85
OH_45J6
OH_65J6
17,5
0.69
43,5
O
OFF
I ON
48/1.89
9
0.35
9
0.35
16
0.63
12
0.47
Ø66
2.60
45/65
1.77/2.56
45/1.77
36/1.42
11
0.43
Nimitys
Title
Piirustus No.
Document No.
Versio
Revision
Sivu
Sheet
2016-07-14
T Mäkkylä
Mittapiirustus
Dimension drawing
ABB Oy
Protection and Connection
Teki
Prepared
Muutokset
Changes
D
D) Inches added
mm
in
OH_45J6 OH_65J6
[mm/in]
A
L
130/5.12
165-175/6.5-6.89
150/5.91
185-195/7.29-7.68
210/8.27
245-255/9.65-10.05
290/11.42
325-335/12.8-13.2
360/14.18
395-405/15.56-15.96
430/16.94
465-475/18.32-18.71
OH_45J6, OH_65J6
Handle OZ331_P
A
L min/max
mm/in
mm/in
130/5.12
165-175/6.5-6.89
150/5.91
185-195/7.29-7.68
210/8.27
245-255/9.65-10.05
290/11.42
325-335/12.8-13.2
360/14.18
395-405/15.56-15.96
430/16.94
465-475/18.32-18.71
OT63...80F6, _F8
Front operated 6- and 8-pole switch-disconnectors, base and DIN-rail mounting, IEC and UL/CSA
11
0.43
57/2.24
EN 50022
35
1.38
68
2.68
2,5/0.10
37/1.46
40/1.57
12
0.47
11
0.43
11
0.43
40
1.57
60
2.36
ø4,5/0.18
22
0.87
70/2.76
37
1.46
OA1G10
OTS40T3
OA1G01
10
0.39
2
0.08
6/0.24
15
0.59
35
1.38
15
0.59
6,5
0.26
5,5
0.22
OTPS40FPN2
L
54
2.13
6/0.24xA
OTS40T1
40/1.57
34,5
1.36
65
2.56
OH_S2A
O
OFF
I ON
22
0.87
11
0.43
11
0.43
13
0.51
13
0.51
29,5
1.16
13
0.51
12
0.47
19
0.75
17
0.67
27/1.06
13/OT16-40F6_8
OTPS40FPN1
Nimitys
Title
Piirustus No.
Document No.
Versio
Revision
Sivu
Sheet
2016-09-12
T Mäkkylä
Mittapiirustus
Dimension drawing
ABB Oy
Protection and Connection
Teki
Prepared
Muutokset
Changes
E
E) Inches added
mm
in
[mm/in]
A
L min/max
L min/max
A
L min/max
85/3.35
110-120/4.33-4.73
124-136/4.88-5.36
60/2.36
109-130/4.29-5.12
105/4.14
130-140/5.12-5.51
144-156/5.67-6.14
85/3.35
134-155/5.28-6.11
120/4.73
145-155/5.71-6.11
159-171/ 6.26-6.74
105/4.14
154-175/6.07-6.89
130/5.13
155-165/ 6.11-6.5
169-181/6.66-7.13
115/4.53
164-185/6.46-7.29
160/6.3
185-195/ 7.29-7.69
199-211/7.84-8.31
130/5.12
179-200/7.06-7.88
180/7.09
205-215/ 8.08-8.47
219-231/8.63-9.1
155/6.11
204-225/8.04-8.86
250/9.85 272-285/ 10.71-11.23 289-301/11.38-11.86
200/7.88
249-270/3.86-10.64
330/13 355-365/ 13.99-14.38 369-381/14.54-15.01 300/11.82
349-370/13.75-14.58
Handle
OH_S2
Handle
OH_S1
Shaft
OX
Handle
OZ331_P
Shafts
OXS
Shafts
OXS
Handle OH_S1
Handle OH_S2
A
L min/max
L min/max
mm/in
mm/in
mm/in
85/3.35
110-120/4.33-4.73
124-136/4.88-5.36
105/4.14
130-140/ 5.12-5.51
144-156/5.67-6.14
120/4.73
145-155/ 5.71-6.11
159-171/ 6.26-6.74
130/5.13
155-165/ 6.11-6.5
169-181/ 6.66-7.13
160/6.3
185-195/ 7.29-7.69
199-211/7.84-8.31
180/7.09
205-215/ 8.08-8.47
219-231/8.63-9.1
250/9.85 272-285/ 10.71-11.23 289-301/ 11.38-11.86
330/13
355-365/ 13.99-14.38 369-381/ 14.54-15.01
Shafts OX
Handle OZ331_P
A
L min/max
mm/in
mm/in
60/2.36
109-130/4.29-5.12
85/3.35
134-155/5.28-6.11
105/4.14
154-175/6.07-6.89
115/4.53
164-185/6.46-7.29
130/5.12
179-200/7.06-7.88
155/6.11
204-225/8.04-8.86
200/7.88
249-270/3.86-10.64
300/11.82
349-370/13.75-14.58
OT16...40F6, _F8
Main dimensions mm, inches
ABB SWITCH-DISCONNECTORS – HIGH PERFORMANCE, COMPACT SOLUTION
29
ABB SWITCH-DISCONNECTORS – HIGH PERFORMANCE, COMPACT SOLUTION
29



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More