Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

OS50GFS40F Fiches technique(PDF) 9 Page - ABB

No de pièce OS50GFS40F
Description  Switches Switch fuses OS32...160 A Gamma series
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ABB [ABB]
Site Internet  http://www.abb.com
Logo ABB - ABB

OS50GFS40F Fiches technique(HTML) 9 Page - ABB

Back Button OS50GFS40F Datasheet HTML 4Page - ABB OS50GFS40F Datasheet HTML 5Page - ABB OS50GFS40F Datasheet HTML 6Page - ABB OS50GFS40F Datasheet HTML 7Page - ABB OS50GFS40F Datasheet HTML 8Page - ABB OS50GFS40F Datasheet HTML 9Page - ABB OS50GFS40F Datasheet HTML 10Page - ABB OS50GFS40F Datasheet HTML 11Page - ABB OS50GFS40F Datasheet HTML 12Page - ABB  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
Switch fuses OS32...160 A Gamma Series | Dimension drawings 9
T
O
O
F
F
ON
I
G
F
E
M5
3/16
D
H
C
A
8
0,31
29
1,14
7
0,28
138...205 (OXP 6x161)
5,43...8,07
45
1,77
112
4,41
14 min
0,35
B
T
O
O
F
F
ON
I
A2
114
A1
T
O
O
F
F
ON
I
B2
B1
84
OS32-63GD
mm
OS32-63GB/F
mm
OS60GJ
mm / in
D11 D12 D13 D22 B/F11 B/F12 B/F13 B/F22
J11
J112
J13
J22
91
120,5
-
60
30
44
74
70
35
75
50
A
B
C
D
E
F
G
A1
A2
B1
B2
114,5
120,5
23,5
60
30
44
74
93,5
35
123,5
50
138
120,5
23,5
60
30
44
74
117
35
147
50
138
120,5
23,5
60
30
67,5
97,5
117
58,5
147
73,5
91
108,5
-
60
30
44
74
70
35
75
50
114,5
108,5
23,5
60
30
44
74
93,5
35
123,5
50
138
108,5
23,5
60
30
44
74
117
35
147
50
138
108,5
23,5
60
30
67,5
97,5
117
58,5
147
73,5
74,5/2,93
118/4,65
-
7 1,5/2,81
36/1,41
55,5/2,19
91,5/3,6
81,5/3,21
40,5/1,59
111,5/4,39
70,5/2,78
148/5,82
118/4,65
35/1,38
71,5/2,81
36/1,41
55,5/2,19
91,5/3,6
116,5/4,59
40,5/1,59
146,5/5,77
70,5/2,78
183,5/7,20
118/4,65
35/1,38
71,5/2,81
36/1,41
55,5/2,19
91,5/3,6
151,5/5,96
40,5/1,59
181,5/7,15
70,5/2,78
179,5/8,58
118/4,65
35/1,38
71,5/2,81
36/1,41
90,5/3,56
126,5/4,98
151,5/5,96
75,5/2,97
181,5/7,15
105,5/4,15
mm
in
45/1,77
100/3,94
Switch fuses OS32G...160G_
Dimension drawings
OS32...63G_
T
O
O
F
F
ON
D
C
A
100/3,94
57/2,24
47,5
1,87
17,5
0,69
E
100/3,94
45/1,77
138...205 (OXP 6x161)
5,43...8,07
45
1,77
112/4,41
14 min
0,55
B
6
0,24
T
O
O
F
F
ON
A1
114
4,49
10
0,39
T
O
O
F
F
ON
84
3,31
B1
25
0,98
OS32-63GD
mm
OS32-63GB/F
mm
OS60GJ
mm / in
D01 D02 D03 D04 B/F01 B/F02 B/F03 B/F04
J01
J02
J03
J04
A
B
C
D
E
A1
B1
64,5
120,5
-
40
30
45
75
88
120,5
23,5
40
30
68,5
98,5
111,5
120,5
23,5
40
30
92
122
135,5
120,5
23,5
40
30
111,5
145,5
64,5
108,5
-
40
30
45
75
88
108,5
23,5
40
30
68,5
98,5
111,5
108,5
23,5
40
30
92
122
135,5
108,5
23,5
40
30
111,5
145,5
74,5/2,93
118/4,65
-
45,5/1,79
36/1,41
51/2,01
81/3,19
109,5/4,31
118/4,65
35/1,38
45,5/1,79
36/1,41
86/3,39
116/4,57
144,5/5,69
118/4,65
35/1,38
45,5/1,79
36/1,41
121/4,76
151/5,94
179,5/7,07
118/4,65
35/1,38
45,5/1,79
36/1,41
156/6,14
186/7,32
8
0,31
29
1,14
7
0,28
mm
in
M5
3/16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12