| Moteur de recherche de fiches techniques de composants électroniques |
|
OS60GJS30 Fiches technique(PDF) 11 Page - ABB |
|
|
|||||||||||||||||||||||||||||
OS60GJS30 Fiches technique(HTML) 11 Page - ABB |
|
11 / 12 page ![]() Switch fuses OS32...160 A Gamma Series | Dimension drawings 11 The measurements in the dimension drawings are preliminary and may be altered. Switch fuses OS32G...160G_ Dimension drawings OS100GJ_ T O O F F ON M5 95,5 3,76 46 4,81 36 1,42 33,4 1,31 20 0,79 8,5 0,33 71,5 2,81 B A 35 1,38 6 0,24 220 8,66 172 6,77 60 2,36 36 1,42 138...205 (OXP 6x161) 5,35...8,07 81/3,19 69/2,72 2,5 0,10 38 1,50 138,5 5,45 125,5 4,94 65 2,56 min 14 0,55 104,5/4,11 OS100GJ mm / in mm / in mm / in mm / in J11 J12 J13 J22 A B A1 A2 B1 B2 C1 C2 113/4,45 81/3,19 90/3,54 45/1,77 105/4,13 52,5/2,07 120/4,72 60/2,36 148/5,83 81/3,19 125/4,92 45/1,77 140/5,51 52,5/2,07 155/6,10 60/2,36 183/7,20 81/3,19 160/6,30 45/1,77 175/6,89 52,5/2,07 190/7,48 60/2,36 183/7,20 116/4,57 160/3,15 80/3,15 175/6,89 160/3,44 190/7,48 95/3,74 T O O F F ON T O O F F ON T O O F F ON A2 114 4,49 A1 110 4,33 B2 B1 C1 84 3,31 C2 mm in 11 0,43 T O O F F ON 95,5 3,76 46 1,81 17,5 0,69 53,3/2,10 11 0,43 46 1,81 35 1,38 A M5 138...205 (OXP 6x161) 5,35...8,07 81/3,19 69/2,72 60/2,36 36 1,42 2,5 0,10 38 1,50 220 8,66 172 6,77 min 14 0,55 104,5/4,11 65 2,56 125,5 4,94 138,5 5,45 mm in 45 1,77 6 0,24 OS100GJ mm / in mm / in mm / in mm / in J01 J02 J03 J04 A A1 B1 C1 76,5/3,01 55/2,17 70/2,76 85/3,35 111,5/4,39 90/3,54 105/4,13 120/4,72 146,5/5,77 125/4,92 140/5,51 155/6,10 181,5/7,15 160/6,30 175/6,89 190/7,48 T O O F F ON T O O F F ON T O O F F ON C1 25 0,98 84 3,31 B1 17,5 0,69 110 4,33 114 4,49 A1 10 0,39 33,4 1,31 20 0,79 8,5 0,33 |