Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

M74HC40102 Fiches technique(PDF) 9 Page - STMicroelectronics

No de pièce M74HC40102
Description  8 STAGE PRESETTABLE SYNCHRONOUS DOWN COUNTERS
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M74HC40102 Fiches technique(HTML) 9 Page - STMicroelectronics

Back Button M74HC40102 Datasheet HTML 5Page - STMicroelectronics M74HC40102 Datasheet HTML 6Page - STMicroelectronics M74HC40102 Datasheet HTML 7Page - STMicroelectronics M74HC40102 Datasheet HTML 8Page - STMicroelectronics M74HC40102 Datasheet HTML 9Page - STMicroelectronics M74HC40102 Datasheet HTML 10Page - STMicroelectronics M74HC40102 Datasheet HTML 11Page - STMicroelectronics M74HC40102 Datasheet HTML 12Page - STMicroelectronics M74HC40102 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
EXAMPLE OF TYPICAL APPLICATION
PROGRAMMABLE DIVIDE-BY-N COUNTER
• fOUT =
fIN
N
+ 1
•Timing chart when N = ”3”
(J0, J1 = VCC, J2 – J7 = GND)
• HC40102... 1/2 to 1/100 are dividable
• HC40103... 1/2 to 1/256 are dividable
PARALLEL CARRY CASCADING
* At synchronous cascade connection, huzzerd occurs at C0 output after its second stage when digitplace changes, due to delay arrival. Therefore,
take gate from HC32 or the like, not from C0 output at the rear stage directly.
PROGRAMMABLE TIMER
Note :The above formula does not take into account the phase of clock input. Therefore, the real pulse width is the distance between the
above formula-1/fIN
∼ the above formula.
M54/M74HC40102/40103
9/14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14