| Moteur de recherche de fiches techniques de composants électroniques |
|
OT40F3 Fiches technique(PDF) 96 Page - ABB |
|
|
|||||||||||||||||||||||||||||
OT40F3 Fiches technique(HTML) 96 Page - ABB |
|
96 / 192 page ![]() — Manual switch-disconnectors OT160...4000 Dimensional drawings Front operated switch-disconnectors OT160...800, base mounting, IEC OT630_P and OT800_P Mechanism at the end of the switch or between the poles A ON I T O OFF 13,5 0,53 6 0,24 20 0,79 198 7,80 39 1,54 160 6,30 180 7,09 95 3,74 65 2,56 90 3,54 65 2,56 65 2,56 130 5,12 M5 3/16 22 0,87 114 4,49 160...285 6,30...11,22 (OXP 12x185) 125 4,92 250 9,84 45 1,77 60,5 2,38 5 0,20 26 1,02 12 0,47 45 1,77 min 20 min 0,79 61,5/138,6 2,42/5,46 110,5 4,35 5,5 0,22 A1 ON I T O OFF 180 7,09 88,5 3,48 C1 ON I T O OFF 144 5,67 106,5 4,19 B1 ON I T O OFF 175 6,89 97,5 3,84 A ON I T O OFF 13,5 0,53 6 0,24 20 0,79 198 7,80 39 1,54 160 6,30 180 7,09 95 3,74 65 2,56 90 3,54 65 2,56 65 2,56 130 5,12 M5 3/16 22 0,87 114 4,49 160...285 6,30...11,22 (OXP 12x185) 125 4,92 250 9,84 45 1,77 60,5 2,38 5 0,20 26 1,02 12 0,47 45 1,77 min 20 min 0,79 61,5/138,6 2,42/5,46 110,5 4,35 5,5 0,22 A1 ON I T O OFF 180 7,09 88,5 3,48 C1 ON I T O OFF 144 5,67 106,5 4,19 B1 ON I T O OFF 175 6,89 97,5 3,84 OT630_P and OT800_P Mechanism at the end of the switch or between the poles 23,5 0,93 180 7,09 A1 32,5 1,28 175,2 6,90 B1 41,5 1,63 144 5,67 C1 32,5 1,28 65 2,56 13,5 0,53 90 3,54 160 6,30 180 7,07 88,5 3,48 65 2,56 39 1,54 A 198 7,80 6 0,24 20 0,79 M5 3/16 60,4 2,38 5 5,5 0,20 0,22 26 1,02 12 0,47 22 0,87 250 9,84 114 4,49 min 20 min 0,79 45 1,77 160...285 6,30...11,22 61,5 / 138,6 2,42 / 5,46 125 4,92 45 1,77 (OXP 12 x 185) C00013_/13OT630_800_01_04 B /ES OT630/800 [mm/in] E01 E02 E03 E04 A 136/5,35 201/7,91 266/10,47 331/13,03 A1112/4,41 177/6,97 242/9,53 307/12,09 B1130/5,12 195/7,68 260/10,24 325/12,80 C1 148/5,83 213/8,39 278/10,95 343/13,50 23,5 0,93 180 7,09 A1 32,5 1,28 175,2 6,90 B1 41,5 1,63 144 5,67 C1 32,5 1,28 65 2,56 13,5 0,53 90 3,54 160 6,30 180 7,07 88,5 3,48 65 2,56 39 1,54 A 198 7,80 6 0,24 20 0,79 M5 3/16 60,4 2,38 5 5,5 0,20 0,22 26 1,02 12 0,47 22 0,87 250 9,84 114 4,49 min 20 min 0,79 45 1,77 160...285 6,30...11,22 61,5 / 138,6 2,42 / 5,46 125 4,92 45 1,77 (OXP 12 x 185) C00013_/13OT630_800_01_04 B /ES OT630/800 [mm/in] E01 E02 E03 E04 A 136/5,35 201/7,91 266/10,47 331/13,03 A1112/4,41 177/6,97 242/9,53 307/12,09 B1130/5,12 195/7,68 260/10,24 325/12,80 C1 148/5,83 213/8,39 278/10,95 343/13,50 Main dimensions mm, inches OT630/800 [mm] E01 E02 E03 E04 A 136/5,35 204/7,91 266/10,47 331/13,03 A1 112/4,41 177/6,97 242/9,53 307/12,09 B1 130/5,12 195/7,68 260/10,24 325/12,80 C1 148/5,83 213/8,39 278/10,95 343/13,50 C00013_/13OT630_800_01_04 B /ES OT630/800 [mm] E11 E12 E13 E22 A 201/7,91 266/10,47 331/13,03 331/13,03 A1 177/6,97 242/9,53 307/12,09 307/12,09 B1 195/7,68 260/10,24 325/12,80 325/12,80 C1 213/8,39 278/10,95 343/13,50 343/13,50 M00082/OT630-800_11_22 C /ES 96 ABB SWITCH-DISCONNECTORS – HIGH PERFORMANCE, COMPACT SOLUTION 96 ABB SWITCH-DISCONNECTORS – HIGH PERFORMANCE, COMPACT SOLUTION |