| Moteur de recherche de fiches techniques de composants électroniques |
|
OS63GD12P Fiches technique(PDF) 7 Page - ABB |
|
|
|||||||||||||||||||||||||||||
OS63GD12P Fiches technique(HTML) 7 Page - ABB |
|
7 / 12 page ![]() Switch fuses OS32...160 A Gamma Series | Ordering information 7 Ordering information Front operated switch fuses Including a black ON-OFF plastic handle and shaft as standard. OS60G_ include protected tunnel terminals (IP20) and OS100G_include a terminal bolt kit. The handle is IP65 protected, Nema type 1, 3R, 12, padlockable in the OFF-position and with door interlock in the ON-position and when padlocked. The shaft is adjustable for a range of installation depths. Ampere Horse power Fuse Number Type Order number Units/ Weight/ rating ratings size of type unit [A] 3-phase poles [pcs] [kg] 240/480/600V [HP] Mechanism between the poles 60 15/30/50 J, 60A 3 OS60GJ12P 1SCA115449R1001 1 1.3 60 15/30/50 J, 60A 4 OS60GJ22FP 1SCA115469R1001 1 1.6 100 30/60/75 J, 100A 3 OS100GJ12P 1SCA115666R1001 1 1.5 100 30/60/75 J, 100A 4 OS100GJ22FP 1SCA114636R1001 1 1.8 Mechanism at the end of the switch fuse 60 15/30/50 J, 60A 3 OS60GJ03P 1SCA115443R1001 1 1.3 60 15/30/50 J, 60A 4 OS60GJ04FP 1SCA115446R1001 1 1.6 100 30/60/75 J, 100A 3 OS100GJ03P 1SCA114639R1001 1 1.5 100 30/60/75 J, 100A 4 OS100GJ04FP 1SCA115439R1001 1 1.8 Side operated switch fuses without handle and shaft OS60G_ include protected tunnel terminals (IP20) and OS100G include a terminal bolt kit. Ampere Horse power Fuse Number Type Order number Units/ Weight/ rating ratings size of type unit [A] 3-phase poles [pcs] [kg] 240/480/600V [HP] 60 15/30/50 J, 60A 3 OS60GJS30 1SCA116051R1001 1 1.3 60 15/30/50 J, 60A 4 OS60GJS40F 1SCA115970R1001 1 1.6 100 30/60/75 J, 100A 3 OS100GJS30 1SCA115971R1001 1 1.5 100 30/60/75 J, 100A 4 OS100GJS40F 1SCA115972R1001 1 1.8 Shafts and handles included as standard / Front operated switch fuses Suitable for switches Included shaftIncluded handle Included terminal bolts OS60G_ OXP6X161 OHB45J6 OS100G_ OXP6X161 OHB65J6 M8x25 Switch fuses OS32G...160G_, UL-types ON ON O F F O F F ON ON OFF OFF ON ON O F F O F F ON ON OFF OFF OS100G_03P OS60G_03P ON ON O F F O F F ON ON O F F O F F OS60GJS_ (handle and the shaft to be ordered separately) OS100GJS_ (handle and the shaft to be ordered separately) |