Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SRP1250-R56M Fiches technique(PDF) 3 Page - Bourns Electronic Solutions

No de pièce SRP1250-R56M
Description  Shielded Power Inductors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  BOURNS [Bourns Electronic Solutions]
Site Internet  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

SRP1250-R56M Fiches technique(HTML) 3 Page - Bourns Electronic Solutions

  SRP1250-R56M Datasheet HTML 1Page - Bourns Electronic Solutions SRP1250-R56M Datasheet HTML 2Page - Bourns Electronic Solutions SRP1250-R56M Datasheet HTML 3Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Specifications are subject to change without notice.
Customers should verify actual device performance in their specific applications.
REV. 12/07
SRP1250 Series - Shielded Power Inductors
Packaging Specifications
24.0 ± 0.5
(0.95 ± 0.020)
2.0 ± 0.5
(.079 ± .020)
75.0 ± 2.0
(2.96 ± 0.08)
330.0
(13.00)
DIA.
13.5 ± 0.5
(.53 ± .020)
DIA.
13.5 ± 0.5
(0.53 ± .020)
DIA.
EMBOSSED
CARRIER
EMBOSSED
CAVITY
0.10
(.004)
THICKNESS
MAX.
DIMENSIONS:
MM
(INCHES)
1.5 ± 0.1
(0.059 ± 0.004)
0.15
(0.0006)
2.0 ± 0.1
(0.079 ± 0.004)
4.0 ± 0.1
(0.157 ± 0.004)
DIA.
DIA.
0.35 ± 0.05
(0.014 ± 0.020)
5.6 ± 0.1
(0.220 ± 0.004)
13.9 ± 0.1
(0.547 ± 0.004)
16.0 ± 0.1
(0.629 ± 0.004)
13.5 ± 0.1
(0.520 ± 0.004)
24.0 ± 0.3
(0.95 ± 0.012)
1.75 ± 0.1
(.069 ± 0.004)
2.7 ± 0.3
(.106 ± 0.012)
L vs. I Charts
0
03
6
9
12
15
18
21
1.0
2.0
3.0
4.0
5.0
6.0
7.0
8.0
0
12
24
36
48
60
72
84
96
DC Current (A)
SRP1250-6R8M
0
02
4
6
8
1012
1416
18
1.0
2.0
3.0
4.0
5.0
6.0
7.0
8.0
9.0
10.0
0
12
24
36
48
60
72
84
96
DC Current (A)
SRP1250-7R8M
0
02
46
8
10
12
14
16
1.0
2.0
3.0
4.0
5.0
6.0
7.0
8.0
9.0
10.0
11.0
12.0
0
10
20
30
40
50
60
70
80
90
100
DC Current (A)
SRP1250-100M
0
03
6
9
12
15
18
16
12
8
0
120
20
60
100
DC Current (A)
SRP1250-9R0M
4
40
80
()



Html Pages

1 2 3