| Moteur de recherche de fiches techniques de composants électroniques |
|
SRP1250-R36M Fiches technique(PDF) 2 Page - Bourns Electronic Solutions |
|
|
|||||||||||||||||||||||||||||
SRP1250-R36M Fiches technique(HTML) 2 Page - Bourns Electronic Solutions |
|
2 / 3 page ![]() Specifications are subject to change without notice. Customers should verify actual device performance in their specific applications. SRP1250 Series - Shielded Power Inductors L vs. I Charts 0 0 5 10 15 20 25 30 35 40 45 50 55 60 0.06 0.12 0.18 0.24 0.30 0.36 0.42 0.48 0.54 0.60 0 11 22 33 44 55 66 77 88 99 110 DC Current (A) SRP1250-R36M 0 0 5 10 15 20 25 30 40 45 50 55 60 0.06 0.12 0.18 0.24 0.30 0.36 0.42 0.48 0.54 0.60 0 11 22 33 44 55 66 77 88 99 110 DC Current (A) SRP1250-R50M 0 0 5 10 15 20 25 30 35 40 45 50 55 60 65 0.06 0.12 0.18 0.24 0.30 0.36 0.42 0.48 0.54 0.60 0 11 22 33 44 55 66 77 88 99 110 DC Current (A) SRP1250-R47M 0 0 5 10 15 20 25 30 35 40 45 50 55 0.06 0.12 0.18 0.24 0.30 0.36 0.42 0.48 0.54 0.60 0 11 22 33 44 55 66 77 88 99 110 DC Current (A) SRP1250-R56M 0 0 5 10 15 20 25 35 40 45 50 60 0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.9 1.0 1.2 0 11 0.8 1.1 DC Current (A) SRP1250-1R0M 0 0 5 10 15 20 25 30 35 40 45 50 55 60 0.08 0.16 0.24 0.32 0.40 0.48 0.56 0.64 0.72 0.80 0 11 22 33 44 55 66 77 88 99 110 DC Current (A) SRP1250-R68M 22 33 44 55 66 77 88 99 110 0 0 5 10 15 20 25 30 35 40 0.03 0.06 0.09 0.12 0.15 0.18 0.21 0.24 0.27 0.30 0 12 24 36 48 60 72 84 96 108 120 DC Current (A) SRP1250-1R5M 0 0 5 10 15 20 25 30 35 40 0.03 0.06 0.09 0.11 0.15 0.18 0.21 0.24 0 12 24 36 48 60 72 84 96 108 DC Current (A) SRP1250-2R2M 0 0 5 10 15 20 25 30 0.4 0.8 0.12 0.16 0.20 0.24 0.28 0.32 0.36 0.40 0 12 24 36 48 60 72 84 96 108 DC Current (A) SRP1250-3R3M 0 04 8 12 15 20 24 28 0.5 1.0 1.5 2.0 2.5 3.5 3.0 4.0 4.5 5.0 5.5 6.0 0 12 24 36 48 60 72 84 96 108 DC Current (A) SRP1250-4R7M 0 010 20 30 40 50 1.6 1.2 0.8 0.4 0 160 40 80 120 DC Current (A) SRP1250-1R2M 0 08 16 24 32 4.0 3.2 2.4 1.6 0 140 20 40 60 80 100 120 DC Current (A) SRP1250-2R7M 0.8 0 08 16 24 32 40 2.4 2.0 1.5 1.2 0.8 0 160 40 80 120 DC Current (A) SRP1250-1R8M 0.4 0 0 2.8 5.6 8.4 11.2 14 2 4 6 8 10 0 20 40 60 80 100 DC Current (A) SRP1250-6R0M 0 0 10.6 21.2 31.8 42.4 53 0.24 0.48 0.72 0.96 1.2 0 20 40 60 80 100 DC Current (A) SRP1250-R82M |