Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MJD32C Fiches technique(PDF) 7 Page - STMicroelectronics

No de pièce MJD32C
Description  Low voltage PNP power transistor
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

MJD32C Fiches technique(HTML) 7 Page - STMicroelectronics

  MJD32C Datasheet HTML 1Page - STMicroelectronics MJD32C Datasheet HTML 2Page - STMicroelectronics MJD32C Datasheet HTML 3Page - STMicroelectronics MJD32C Datasheet HTML 4Page - STMicroelectronics MJD32C Datasheet HTML 5Page - STMicroelectronics MJD32C Datasheet HTML 6Page - STMicroelectronics MJD32C Datasheet HTML 7Page - STMicroelectronics MJD32C Datasheet HTML 8Page - STMicroelectronics MJD32C Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
MJD32C
Package mechanical data
7/9
DIM.
mm
inch
MIN.
TYP.
MAX.
MIN.
TYP.
MAX.
A
2.20
2.40
0.087
0.094
A1
0.90
1.10
0.035
0.043
A2
0.03
0.23
0.001
0.009
B
0.64
0.90
0.025
0.035
B2
5.20
5.40
0.204
0.213
C
0.45
0.60
0.018
0.024
C2
0.48
0.60
0.019
0.024
D
6.00
6.20
0.236
0.244
E
6.40
6.60
0.252
0.260
G
4.40
4.60
0.173
0.181
H
9.35
10.10
0.368
0.398
L2
0.8
0.031
L4
0.60
1.00
0.024
0.039
V2
0
o
8
o
0
o
0
o
P032P_B
TO-252 (DPAK) MECHANICAL DATA



Html Pages

1 2 3 4 5 6 7 8 9