| Moteur de recherche de fiches techniques de composants électroniques |
|
CSNE151 Fiches technique(PDF) 1 Page - Honeywell Solid State Electronics Center |
|
|
|||||||||||||||||||||||||||||
CSNE151 Fiches technique(HTML) 1 Page - Honeywell Solid State Electronics Center |
|
1 / 4 page ![]() Representative photograph, actual product appearance may vary. Due to regional agency approval requirements, some products may not be available in your area. Please contact your regional Honeywell office regarding your product of choice. CSNE151 CSN Series closed loop current sensor, measures AC, DC or impulse current, 25 amp-turns nominal, ± 36 amp-turns range, smaller housing, 1000 turn Features Current sensing up to 1200 amps Measures ac, dc and impulse currents Competitive cost/performance ratio Rapid response High overload capability High level of electrical isolation between primary and secondary circuits Industrial operating temperature range Small size and weight Typical Applications Variable speed drives Overcurrent protection Ground fault detectors Current feedback control systems Robotics UPS and telecommunication power supplies Welding power supplies Automotive - Battery management systems Wattmeters Description The CSN Series of closed loop current sensors are based on the principles of the Magnetoresistive or Hall effects, and the null balance or zero magnetic flux method (feedback system). The magnetic flux in the sensor core is constantly controlled at zero. The amount of current required to balance zero flux is the measure of the primary current flowing through the conductor, multiplied by the ratio of the primary to secondary windings. This closed loop current is the output from the device and presents an image of the primary current reduced by the number of secondary turns at any time. This current can be expressed as a voltage by passing it through a resistor. Page 1 of 4 Datasheet -- CSNE151 31/08/2006 http://catalog.sensing.honeywell.com/printfriendly.asp?FAM=current&PN=CSNE151 |
Numéro de pièce similaire - CSNE151 |
|
Description similaire - CSNE151 |