Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PS1/19/30 Fiches technique(PDF) 7 Page - ABB

No de pièce PS1/19/30
Description  Protecta Plus MCB distribution board 250A Edition 1
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ABB [ABB]
Site Internet  http://www.abb.com
Logo ABB - ABB

PS1/19/30 Fiches technique(HTML) 7 Page - ABB

Back Button PS1/19/30 Datasheet HTML 3Page - ABB PS1/19/30 Datasheet HTML 4Page - ABB PS1/19/30 Datasheet HTML 5Page - ABB PS1/19/30 Datasheet HTML 6Page - ABB PS1/19/30 Datasheet HTML 7Page - ABB PS1/19/30 Datasheet HTML 8Page - ABB PS1/19/30 Datasheet HTML 9Page - ABB PS1/19/30 Datasheet HTML 10Page - ABB PS1/19/30 Datasheet HTML 11Page - ABB Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 75 page
background image
Full MCB blank
To aid installation and safety a custom MCB blank has been
developed specifically for Protecta Plus.
Padlocking facilities
All outgoing devices on Protecta Plus can be padlocked in
on/off position for increased safety.
Clean earth
Earth bars are fitted with removable links allowing the
boards to be configured for 50/100% clean earth.
Metering and surge protection
Available in kit form to fit all Protecta Plus TPN boards.
The boards have been designed to house these integrally.
7
P R OT EC TA P LUS – T H E D E TA I L S M A K E T H E D I FFER EN C E



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75