| Moteur de recherche de fiches techniques de composants électroniques |
|
EPP-R6108 Fiches technique(PDF) 19 Page - ABB |
|
|
|||||||||||||||||||||||||||||
EPP-R6108 Fiches technique(HTML) 19 Page - ABB |
|
19 / 75 page ![]() — The quality of a Circuit Monitoring System is dependent on the strengths of the individual components and how well they interact. ABB’s CMS sets the bar particularly high. Regardless of whether we’re talking compactness, technology, measurement results, user friendliness or flexibility, every component and every feature of this CMS has been fully optimized in terms of practicality and functionality. 19 K E Y MOD UL A R COM P ON EN T S - C M S - C I R CUI T MON I TOR I NG S Y S T EM S — 01 — 02 — 03 — 04 Connection technology Connecting the sensors to the Control Unit is extremely simple and requires no special tools. All sensors are connected to the Control Unit by means of a flexible flat cable and insulation displacement connectors. The positioning of sensors is fully customizable so that they sit exactly where a measurement is required. Sensors The CMS sensors form the heart of the system and they can be mounted anywhere without any problem. Initializing the sensors is also child’s play, with the desired identifier being assigned to each individual sensor via the control unit in just a few simple steps. The entire configuration and commissioning procedure takes just a matter of minutes. All measurement functions are available immediately following initialization. |