Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

EPP-R4072 Fiches technique(PDF) 72 Page - ABB

No de pièce EPP-R4072
Description  Protecta Plus MCB distribution board 250A Edition 1
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ABB [ABB]
Site Internet  http://www.abb.com
Logo ABB - ABB

EPP-R4072 Fiches technique(HTML) 72 Page - ABB

Back Button EPP-R4072 Datasheet HTML 67Page - ABB EPP-R4072 Datasheet HTML 68Page - ABB EPP-R4072 Datasheet HTML 69Page - ABB EPP-R4072 Datasheet HTML 70Page - ABB EPP-R4072 Datasheet HTML 71Page - ABB EPP-R4072 Datasheet HTML 72Page - ABB EPP-R4072 Datasheet HTML 73Page - ABB EPP-R4072 Datasheet HTML 74Page - ABB EPP-R4072 Datasheet HTML 75Page - ABB  
Zoom Inzoom in Zoom Outzoom out
 72 / 75 page
background image
73
T 1 & T 1 P LUS T W I L I G H T S W I TC H CO N T R O L A N D AU TO M AT I O N - T EC H N I C A L FE AT U R E S
Example of installation
As shown in the diagrams, one of the possible
options is to install a T1 PLUS twilight switch in
the lighting system of a greenhouse.
When the external light exceeds a certain level
(for example during peak hours in the early
afternoon) the twilight switch activates the roller
blinds, protecting the plants in the greenhouse
against burning by the strong sunlight.
—
When the external light returns to
below the threshold value, the
twilight switch relay opens the
blinds to allow the sunlight to
pass through.
Operating principle
The diagram shows an example of the installation
of the T1 PLUS twilight switch in the lighting
system of a greenhouse. When the external light
exceeds a certain level (e.g. during the warmest
hours of the day, i.e. early afternoon), the device
activates the shading system, e.g. roller blinds.
Thanks to the option to advance or delay the
activation-deactivation time, the T1 PLUS can
also maintain the roller blinds closed in the case
of passing clouds.
Application environments
The installation of the T1 PLUS twilight switch is
particularly useful in settings and situations
where lighting control is required for locations
where there are consistently high brightness
values, thus guaranteeing substantial savings in
energy consumption (greenhouses, arcades,
photovoltaic plants, etc.).
—
04 Required light levels
—
05 Excessive light levels
—
T1 PLUS twilight switch
—
04
—
05
N
L
N
T1 PLUS
T1 PLUS
1
3
AUXILIARY
L1
LIGHTING
AUXILIARY
L1
N
T1 PLUS
sensor



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75