| Moteur de recherche de fiches techniques de composants électroniques |
|
M54HC299M1R Fiches technique(PDF) 6 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
M54HC299M1R Fiches technique(HTML) 6 Page - STMicroelectronics |
|
6 / 15 page ![]() PIN DESCRIPTION PIN No SYMBOL NAME AND FUNCTION 1, 19 S0, S1 Mode Select Inputs 2, 3 G1, G2 3 State Output Enable Inputs (Active LOW) 7, 13, 6, 14, 5, 15, 4, 16 A/QA to H/QH Parallel Data Inputs or 3 State Parallel Outputs (Bus Driver) 8, 17 QA’ to QH’ Serial Outputs (Standard Output) 9 CLEAR Asynchronous Master Reset Input (Active LOW) 11 SR Serial Data Shift Right Input 12 CLOCK Clock Input (LOW to HIGH, Edge-triggered) 18 SL Serial Data Shift Left Input 10 GND Ground (0V) 20 VCC Positive Supply Voltage ABSOLUTE MAXIMUM RATINGS Symbol Parameter Value Unit VCC Supply Voltage -0.5 to +7 V VI DC Input Voltage -0.5 to VCC + 0.5 V VO DC Output Voltage -0.5 to VCC + 0.5 V IIK DC Input Diode Current ± 20 mA IOK DC Output Diode Current ± 20 mA IO DC Output Source Sink Current Per Output Pin (QA -QH) ± 35 mA IO DC Output Source Sink Current Per Output Pin (QA’ -QH’) ±235 mA ICC or IGND DC VCC or Ground Current ± 70 mA PD Power Dissipation 500 (*) mW Tstg Storage Temperature -65 to +150 oC TL Lead Temperature (10 sec) 300 oC Absolute Maximum Ratings are those values beyond which damage to the device may occur. Functional operation under these condition is not implied. (*) 500 mW: ≅ 65 oC derate to 300 mW by 10mW/oC: 65 oCto 85 oC RECOMMENDED OPERATING CONDITIONS Symbol Parameter Value Unit VCC Supply Voltage 2 to 6 V VI Input Voltage 0 to VCC V VO Output Voltage 0 to VCC V Top Operating Temperature: M54HC Series M74HC Series -55 to +125 -40 to +85 oC oC tr,tf Input Rise and Fall Time VCC = 2 V 0 to 1000 ns VCC = 4.5 V 0 to 500 VCC = 6 V 0 to 400 M54/M74HC299/323 6/15 |