Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

C8051F310 Fiches technique(PDF) 5 Page - Silicon Laboratories

No de pièce C8051F310
Description  8/16 kB ISP Flash MCU Family
PDF  228 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SILABS [Silicon Laboratories]
Site Internet  http://www.silabs.com
Logo SILABS - Silicon Laboratories

C8051F310 Fiches technique(HTML) 5 Page - Silicon Laboratories

  C8051F310 Datasheet HTML 1Page - Silicon Laboratories C8051F310 Datasheet HTML 2Page - Silicon Laboratories C8051F310 Datasheet HTML 3Page - Silicon Laboratories C8051F310 Datasheet HTML 4Page - Silicon Laboratories C8051F310 Datasheet HTML 5Page - Silicon Laboratories C8051F310 Datasheet HTML 6Page - Silicon Laboratories C8051F310 Datasheet HTML 7Page - Silicon Laboratories C8051F310 Datasheet HTML 8Page - Silicon Laboratories C8051F310 Datasheet HTML 9Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 228 page
background image
Rev. 1.7
5
C8051F310/1/2/3/4/5/6/7
14.4.Using the SMBus............................................................................................ 149
14.4.1.SMBus Configuration Register............................................................... 150
14.4.2.SMB0CN Control Register ..................................................................... 153
14.4.3.Data Register ......................................................................................... 156
14.5.SMBus Transfer Modes.................................................................................. 157
14.5.1.Master Transmitter Mode ....................................................................... 157
14.5.2.Master Receiver Mode ........................................................................... 158
14.5.3.Slave Receiver Mode ............................................................................. 159
14.5.4.Slave Transmitter Mode ......................................................................... 160
14.6.SMBus Status Decoding................................................................................. 161
15. UART0.................................................................................................................... 163
15.1.Enhanced Baud Rate Generation................................................................... 164
15.2.Operational Modes ......................................................................................... 165
15.2.1.8-Bit UART ............................................................................................. 165
15.2.2.9-Bit UART ............................................................................................. 166
15.3.Multiprocessor Communications .................................................................... 167
16. Enhanced Serial Peripheral Interface (SPI0)...................................................... 173
16.1.Signal Descriptions......................................................................................... 174
16.1.1.Master Out, Slave In (MOSI).................................................................. 174
16.1.2.Master In, Slave Out (MISO).................................................................. 174
16.1.3.Serial Clock (SCK) ................................................................................. 174
16.1.4.Slave Select (NSS) ................................................................................ 174
16.2.SPI0 Master Mode Operation ......................................................................... 175
16.3.SPI0 Slave Mode Operation ........................................................................... 177
16.4.SPI0 Interrupt Sources ................................................................................... 177
16.5.Serial Clock Timing......................................................................................... 178
16.6.SPI Special Function Registers ...................................................................... 180
17. Timers ................................................................................................................... 187
17.1.Timer 0 and Timer 1 ....................................................................................... 187
17.1.1.Mode 0: 13-bit Counter/Timer ................................................................ 187
17.1.2.Mode 1: 16-bit Counter/Timer ................................................................ 189
17.1.3.Mode 2: 8-bit Counter/Timer with Auto-Reload...................................... 189
17.1.4.Mode 3: Two 8-bit Counter/Timers (Timer 0 Only)................................. 190
17.2.Timer 2 .......................................................................................................... 195
17.2.1.16-bit Timer with Auto-Reload................................................................ 195
17.2.2.8-bit Timers with Auto-Reload................................................................ 196
17.3.Timer 3 .......................................................................................................... 199
17.3.1.16-bit Timer with Auto-Reload................................................................ 199
17.3.2.8-bit Timers with Auto-Reload................................................................ 200
18. Programmable Counter Array ............................................................................ 203
18.1.PCA Counter/Timer ........................................................................................ 204
18.2.Capture/Compare Modules ............................................................................ 205
18.2.1.Edge-triggered Capture Mode................................................................ 206
18.2.2.Software Timer (Compare) Mode........................................................... 207



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More