Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ULN2003D1013TR Fiches technique(PDF) 9 Page - STMicroelectronics

No de pièce ULN2003D1013TR
Description  Seven darlington array
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ULN2003D1013TR Fiches technique(HTML) 9 Page - STMicroelectronics

Back Button ULN2003D1013TR Datasheet HTML 5Page - STMicroelectronics ULN2003D1013TR Datasheet HTML 6Page - STMicroelectronics ULN2003D1013TR Datasheet HTML 7Page - STMicroelectronics ULN2003D1013TR Datasheet HTML 8Page - STMicroelectronics ULN2003D1013TR Datasheet HTML 9Page - STMicroelectronics ULN2003D1013TR Datasheet HTML 10Page - STMicroelectronics ULN2003D1013TR Datasheet HTML 11Page - STMicroelectronics ULN2003D1013TR Datasheet HTML 12Page - STMicroelectronics ULN2003D1013TR Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
ULN200xA - ULN200xD1
Package mechanical data
9/14
6
Package mechanical data
In order to meet environmental requirements, ST offers these devices in ECOPACK®
packages. These packages have a Lead-free second level interconnect. The category of
second Level Interconnect is marked on the package and on the inner box label, in
compliance with JEDEC Standard JESD97. The maximum ratings related to soldering
conditions are also marked on the inner box label. ECOPACK is an ST trademark.
ECOPACK specifications are available at: www.st.com.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14