Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STPM11 Fiches technique(PDF) 35 Page - STMicroelectronics

No de pièce STPM11
Description  Single phase energy metering IC with pulsed output and digital calibration
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPM11 Fiches technique(HTML) 35 Page - STMicroelectronics

Back Button STPM11 Datasheet HTML 31Page - STMicroelectronics STPM11 Datasheet HTML 32Page - STMicroelectronics STPM11 Datasheet HTML 33Page - STMicroelectronics STPM11 Datasheet HTML 34Page - STMicroelectronics STPM11 Datasheet HTML 35Page - STMicroelectronics STPM11 Datasheet HTML 36Page - STMicroelectronics STPM11 Datasheet HTML 37Page - STMicroelectronics STPM11 Datasheet HTML 38Page - STMicroelectronics STPM11 Datasheet HTML 39Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 45 page
background image
STPM11/12/13/14
Energy calculation algorithm
35/45
i(t) = I
⋅ sin(tω+ ϕ); [Eq. 2 - see (6) in Figure 6]
can then be used to calculate. These digital signals are also used in two additional steps for
integration, obtaining:
dv/dt
→v(t) = V
⋅ sin tω; [Eq. 3 - see (7) in Figure 6]
[Eq. 4 - see (8) in Figure 6]
Now four signals are available. Combining (pairing) them by two multiplication steps two
results are obtained:
[Eq. 5 - see (9) in Figure 6]
[Eq. 6 - see (10) in Figure 6]
After these two operations, another stage another step involves the subtraction of p1 from
p2 and dividing the result by 2, to obtain the active power:
[Eq. 7 - see (11) in Figure 6]
In this way, the AC part
has been then removed from the instantaneous power.
In the case of current sensors like "Rogowski coils", which provide the rate of the
instantaneous current signal, the initial voltage signal differentiation stage is switched off. In
this case the signals coming from the A/D conversion and their consequent integrations are:
v(t) = V
⋅ sin (tω); [Eq. 8]
[Eq. 9]
[Eq. 10]
)
cos(
)
(
)
(
ϕ
ω
ω
+
⋅
−
=
⋅
=
∫
t
I
dt
t
i
t
I
i(t)
⋅
2
)
2
cos(
2
cos
)
(
)
(
1
ϕ
ω
ϕ
+
⋅
⋅
−
⋅
⋅
−
=
⋅
⋅
=
/
∫
t
I
V
I
V
dt
t
i
dt
dv
t
p
2
)
2
cos(
2
cos
)
(
)
(
)
(
2
ϕ
ω
ϕ
+
⋅
⋅
−
⋅
⋅
=
⋅
=
/
t
I
V
I
V
t
i
t
v
t
p
2
cos
2
))
(
)
(
(
)
(
1
2
ϕ
⋅
⋅
=
/
−
/
=
I
V
t
p
t
p
t
p
⎟
⎠
⎞
⎜
⎝
⎛
+
⋅
⋅
2
)
2
cos(
ϕ
ωt
I
V
)
cos(
)
(
)
(
ϕ
ω
ω
+
⋅
⋅
−
=
=
′
t
I
dt
t
di
t
i
t
V
dt
t
v
t
V
ω
ω
cos
)
(
)
(
⋅
−
=
⋅
=
∫



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45