| Moteur de recherche de fiches techniques de composants électroniques |
|
XISO6441FDFPR Fiches technique(PDF) 30 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
XISO6441FDFPR Fiches technique(HTML) 30 Page - Texas Instruments |
|
30 / 56 page ![]() 9.2.1 Design Requirements To design with these devices, use the parameters listed in Table 9-1. Table 9-1. Design Parameters PARAMETER VALUE Supply voltage, VCC1 and VCC2 2.25V to 5.5V Decoupling capacitor between VCC1 and GND1 0.1µF Decoupling capacitor from VCC2 and GND2 0.1µF 9.2.2 Detailed Design Procedure Unlike optocouplers, which require external components to improve performance, provide bias, or limit current, the ISO644x family of devices only require two external bypass capacitors to operate. 1 2 3 4 5 6 7 8 16 15 14 13 12 11 10 9 INA INB INC OUTD OUTA OUTB OUTC IND GND2 VCC2 0.5mm maximum from VCC2 EN2 GND2 EN1 GND1 0.5mm maximum from VCC1 GND1 VCC1 0.1µF 0.1µF Figure 9-2. Typical ISO644x Circuit ISO6440, ISO6441, ISO6442 SLLSG01B – SEPTEMBER 2024 – REVISED NOVEMBER 2025 www.ti.com 30 Submit Document Feedback Copyright © 2025 Texas Instruments Incorporated Product Folder Links: ISO6440 ISO6441 ISO6442 |
|
Lien URL |
| ALLDATASHEET vous a-t-il été utile ? [ DONATE ] |
À propos de Alldatasheet | Publicité | Contactez-nous | Politique de confidentialité | Lien vers la fiche technique | Echange de liens | Fabricants All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |