| Moteur de recherche de fiches techniques de composants électroniques |
|
LAW57B Fiches technique(PDF) 14 Page - OSRAM GmbH |
|
|
|||||||||||||||||||||||||||||
LAW57B Fiches technique(HTML) 14 Page - OSRAM GmbH |
|
14 / 15 page ![]() Revision History: 2006-07-19 Previous Version: 2006-03-20 Page Subjects (changes since last revision) Date of change 11 solder pad reworked 2006-01-24 2006-07-19 14 LA W57B, LY W57B Anm.: Gemäß IEC 60825-1 (EN 60825-1) gilt: OHW12884 LED STRAHLUNG NICHT DIREKT MIT OPTISCHEN INSTRUMENTEN BETRACHTEN LED KLASSE 1M Note: According IEC 60825-1 (EN 60825-1): OHW02884 LED RADIATION DO NOT VIEW DIRECTLY WITH OPTICAL INSTRUMENTS CLASS 1M LED PRODUCT Attention please! The information describes the type of component and shall not be considered as assured characteristics. Terms of delivery and rights to change design reserved. Due to technical requirements components may contain dangerous substances. For information on the types in question please contact our Sales Organization. If printed or downloaded, please find the latest version in the Internet. Packing Please use the recycling operators known to you. We can also help you – get in touch with your nearest sales office. By agreement we will take packing material back, if it is sorted. You must bear the costs of transport. For packing material that is returned to us unsorted or which we are not obliged to accept, we shall have to invoice you for any costs incurred. Components used in life-support devices or systems must be expressly authorized for such purpose! Critical components 9) page 15 may only be used in life-support devices or systems10) page 15 with the express written approval of OSRAM OS. |