Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

M54HC161C1R Fiches technique(PDF) 11 Page - STMicroelectronics

No de pièce M54HC161C1R
Description  SYNCHRONOUS PRESETTABLE 4-BIT COUNTER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M54HC161C1R Fiches technique(HTML) 11 Page - STMicroelectronics

Back Button M54HC161C1R Datasheet HTML 7Page - STMicroelectronics M54HC161C1R Datasheet HTML 8Page - STMicroelectronics M54HC161C1R Datasheet HTML 9Page - STMicroelectronics M54HC161C1R Datasheet HTML 10Page - STMicroelectronics M54HC161C1R Datasheet HTML 11Page - STMicroelectronics M54HC161C1R Datasheet HTML 12Page - STMicroelectronics M54HC161C1R Datasheet HTML 13Page - STMicroelectronics M54HC161C1R Datasheet HTML 14Page - STMicroelectronics M54HC161C1R Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
TEST CIRCUIT ICC (Opr.)
SWITCHING CHARACTERISTICS TEST WAVEFORM (continued)
TOTAL OPERATING CURRENT WHEN
USING A CAPACITIVE LOAD
TYPICAL APPLICATION
COUNTENABLE MODE
CASCADE MODE
(fix maximum count)
When the outputs drive a capacitive load, the
total current can be calculated as follows :
For M74HC160/162 :
∆ lCC =fCK ⋅ VCC⋅ 
Ca
2
+
Cb
5
+
Cc
10
+
Cd
10
+
Cca
10
For M74HC161/163 :
∆ lCC =fCK ⋅ VCC⋅
Ca
2
+
Cb
4
+
Cc
8
+
Cd
16
+
Cca
16
Ca to Cca are the capacitors loading the out-
puts.
M54/M74HC160/161/162/163
11/16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16