| Moteur de recherche de fiches techniques de composants électroniques |
|
LRI64-MBTG Fiches technique(PDF) 49 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
LRI64-MBTG Fiches technique(HTML) 49 Page - STMicroelectronics |
|
49 / 52 page ![]() LRI64 C-example to calculate or check the CRC16 according to ISO/IEC 13239 49/52 else // check CRC { number_of_databytes = NUMBER_OF_BYTES + 2; } current_crc_value = PRESET_VALUE; for (i = 0; i < number_of_databytes; i++) { current_crc_value = current_crc_value ^ ((unsigned int)array_of_databytes[i]); for (j = 0; j < 8; j++) { if (current_crc_value & 0x0001) { current_crc_value = (current_crc_value >> 1) ^ POLYNOMIAL; } else { current_crc_value = (current_crc_value >> 1); } } } if (calculate_or_check_crc == CALC_CRC) { current_crc_value = ~current_crc_value; printf ("Generated CRC is 0x%04X\n", current_crc_value); // current_crc_value is now ready to be appended to the data stream // (first LSByte, then MSByte) } else // check CRC { if (current_crc_value == CHECK_VALUE) { printf ("Checked CRC is ok (0x%04X)\n", current_crc_value); } else { printf ("Checked CRC is NOT ok (0x%04X)\n", current_crc_value); } } } |