Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STA328 Fiches technique(PDF) 30 Page - STMicroelectronics

No de pièce STA328
Description  2.1-channel high-efficiency digital audio system
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA328 Fiches technique(HTML) 30 Page - STMicroelectronics

Back Button STA328_08 Datasheet HTML 26Page - STMicroelectronics STA328_08 Datasheet HTML 27Page - STMicroelectronics STA328_08 Datasheet HTML 28Page - STMicroelectronics STA328_08 Datasheet HTML 29Page - STMicroelectronics STA328_08 Datasheet HTML 30Page - STMicroelectronics STA328_08 Datasheet HTML 31Page - STMicroelectronics STA328_08 Datasheet HTML 32Page - STMicroelectronics STA328_08 Datasheet HTML 33Page - STMicroelectronics STA328_08 Datasheet HTML 34Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 57 page
background image
Register description
STA328
30/57
The ZCE bit enables zero-crossing volume adjustments. When volume is adjusted on digital
zero-crossings no clicks will be audible.
The STA328 includes a soft volume algorithm that will step through the intermediate volume
values at a predetermined rate when a volume change occurs. By setting SVE = 0 this can
be bypassed and volume changes will jump from old to new value directly. This feature is
only available if individual channel volume bypass bit is set to 0.
Table 38.
Zero-crossing volume enable
Bit
R/W
RST
Name
Description
6RW
1
ZCE
Zero-crossing volume enable:
1: volume adjustments will only occur at digital zero-
crossings
0: volume adjustments will occur immediately
Table 39.
Soft volume update enable
Bit
R/W
RST
Name
Description
7
RW
1
SVE
Soft volume enable:
1: volume adjustments will use soft volume
0: volume adjustments will occur immediately



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57