Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

L6382D5 Fiches technique(PDF) 13 Page - STMicroelectronics

No de pièce L6382D5
Description  Power management unit for microcontrolled ballast
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6382D5 Fiches technique(HTML) 13 Page - STMicroelectronics

Back Button L6382D5 Datasheet HTML 9Page - STMicroelectronics L6382D5 Datasheet HTML 10Page - STMicroelectronics L6382D5 Datasheet HTML 11Page - STMicroelectronics L6382D5 Datasheet HTML 12Page - STMicroelectronics L6382D5 Datasheet HTML 13Page - STMicroelectronics L6382D5 Datasheet HTML 14Page - STMicroelectronics L6382D5 Datasheet HTML 15Page - STMicroelectronics L6382D5 Datasheet HTML 16Page - STMicroelectronics L6382D5 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 21 page
background image
L6382D5
Application information
13/21
In this state the functions are:
–
The HVSU generator is ON
–VREF is enabled in low source current mode (IREF < 10mA)
–TPR is disabled
–
OCP is disabled
–
The drivers are disabled
In this state if Vcc reaches VccOn, the device enters the save mode otherwise, if
VCC < VREF(OFF), also the µC is turned off and the device will be ready to execute the Start-
up sequence.
Figure 5.
Timing Sequences, TPR behavior



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21