Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

M25P05-AVMP6G Fiches technique(PDF) 25 Page - Numonyx B.V

No de pièce M25P05-AVMP6G
Description  512-Kbit, serial flash memory, 50 MHz SPI bus interface
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NUMONYX [Numonyx B.V]
Site Internet  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

M25P05-AVMP6G Fiches technique(HTML) 25 Page - Numonyx B.V

Back Button M25P05-AVMP6G Datasheet HTML 21Page - Numonyx B.V M25P05-AVMP6G Datasheet HTML 22Page - Numonyx B.V M25P05-AVMP6G Datasheet HTML 23Page - Numonyx B.V M25P05-AVMP6G Datasheet HTML 24Page - Numonyx B.V M25P05-AVMP6G Datasheet HTML 25Page - Numonyx B.V M25P05-AVMP6G Datasheet HTML 26Page - Numonyx B.V M25P05-AVMP6G Datasheet HTML 27Page - Numonyx B.V M25P05-AVMP6G Datasheet HTML 28Page - Numonyx B.V M25P05-AVMP6G Datasheet HTML 29Page - Numonyx B.V Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 52 page
background image
M25P05-A
Instructions
25/52
Table 7.
Protection modes
W
signal
SRWD
bit
Mode
Write protection of the status
register
Memory content
Protected
area(1)
1.
As defined by the values in the block protect (BP1, BP0) bits of the status register, as shown in Table 2.
Unprotected
area(1)
10
Software
protected
(SPM)
Status register is writable (if the
WREN instruction has set the WEL
bit).
The values in the SRWD, BP1 and
BP0 bits can be changed
Protected
against page
program, sector
erase and bulk
erase
Ready to
accept page
program and
sector erase
instructions
00
11
01
Hardware
protected
(HPM)
Status register is hardware write
protected.
The values in the SRWD BP1 and
BP0 bits cannot be changed
Protected
against page
program, sector
erase and bulk
erase
Ready to
accept page
program and
sector erase
instructions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52