Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

M25P05-AVMB6TP Fiches technique(PDF) 7 Page - Numonyx B.V

No de pièce M25P05-AVMB6TP
Description  512-Kbit, serial flash memory, 50 MHz SPI bus interface
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NUMONYX [Numonyx B.V]
Site Internet  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

M25P05-AVMB6TP Fiches technique(HTML) 7 Page - Numonyx B.V

Back Button M25P05-AVMB6TP Datasheet HTML 3Page - Numonyx B.V M25P05-AVMB6TP Datasheet HTML 4Page - Numonyx B.V M25P05-AVMB6TP Datasheet HTML 5Page - Numonyx B.V M25P05-AVMB6TP Datasheet HTML 6Page - Numonyx B.V M25P05-AVMB6TP Datasheet HTML 7Page - Numonyx B.V M25P05-AVMB6TP Datasheet HTML 8Page - Numonyx B.V M25P05-AVMB6TP Datasheet HTML 9Page - Numonyx B.V M25P05-AVMB6TP Datasheet HTML 10Page - Numonyx B.V M25P05-AVMB6TP Datasheet HTML 11Page - Numonyx B.V Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 52 page
background image
M25P05-A
Description
7/52
Figure 2.
SO, VFQFPN and TSSOP connections
1.
There is an exposed central pad on the underside of the VFQFPN package. This is pulled, internally, to
VSS, and must not be allowed to be connected to any other voltage or signal line on the PCB.
2.
See Package mechanical section for package dimensions, and how to identify pin-1.
1
AI05758B
2
3
4
8
7
6
5
D
VSS
C
HOLD
Q
SVCC
W
M25P05-A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52