Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

M54HC123A Fiches technique(PDF) 7 Page - STMicroelectronics

No de pièce M54HC123A
Description  DUAL RETRIGGERABLE MONOSTABLE MULTIVIBRATOR
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M54HC123A Fiches technique(HTML) 7 Page - STMicroelectronics

Back Button M54HC123A Datasheet HTML 3Page - STMicroelectronics M54HC123A Datasheet HTML 4Page - STMicroelectronics M54HC123A Datasheet HTML 5Page - STMicroelectronics M54HC123A Datasheet HTML 6Page - STMicroelectronics M54HC123A Datasheet HTML 7Page - STMicroelectronics M54HC123A Datasheet HTML 8Page - STMicroelectronics M54HC123A Datasheet HTML 9Page - STMicroelectronics M54HC123A Datasheet HTML 10Page - STMicroelectronics M54HC123A Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
AC ELECTRICAL CHARACTERISTICS (CL =50 pF, Input tr =tf =6 ns)
Symbol
Parameter
Test Conditions
Value
Unit
VCC
(V)
TA =25
oC
54HC and 74HC
-40 to 85
oC
74HC
-55 to 125
oC
54HC
Min.
Typ.
Max.
Min.
Max.
Min.
Max.
tTLH
tTHL
Output Transition
Time
2.0
30
75
95
110
ns
4.5
8
151922
6.0
7
131619
tPLH
tPHL
Propagation
Delay Time
(A, B - Q, Q)
2.0
102
210
265
315
ns
4.5
29
42
53
63
6.0
22
36
45
54
tPLH
tPHL
Propagation
Delay Time
(CLRTRIGGER- Q,Q)
2.0
102
235
295
355
ns
4.5
31
47
59
71
6.0
23
40
50
60
tPLH
tPHL
Propagation
Delay Time
(CLR - Q, Q)
2.0
68
160
200
240
ns
4.5
20
32
40
48
6.0
16
27
34
41
tWOUT
Output Pulse
Width
(for HC123)
2.0
CX = 100 pF
RX =10 K
Ω
1.4
µs
4.5
1.2
6.0
1.1
2.0
CX = 0.1
µF
RX = 100 K
Ω
4.6
ms
4.5
4.4
6.0
4.3
tWOUT
Output Pulse
Width
(for HC123A)
2.0
CX = 100 pF
RX =10 K
Ω
1.9
µs
4.5
1.6
6.0
1.5
2.0
CX = 0.1
µF
RX = 100 K
Ω
9.8
ms
4.5
9.5
6.0
9.4
∆tWOUT
Output Pulse
Width Error
Between Circuits
in Same Package
±1
%
tW(H)
tW(L)
Minimum Pulse
Width
2.0
75
95
110
ns
4.5
15
19
22
6.0
13
16
19
tW(L)
Minimum Pulse
Width (CLR)
2.0
75
95
110
ns
4.5
15
19
22
6.0
13
16
19
trr
Minimum
Retrigger Time
2.0
CX = 100 pF
RX =1 K
Ω
325
ns
4.5
108
6.0
78
2.0
CX = 0.1
µF
RX = 100 K
Ω
5
µs
4.5
1.4
6.0
1.2
CIN
Input Capacitance
5
10
10
10
pF
CPD (*)
Power Dissipation
Capacitance
162
pF
(*) CPD is defined as the value of the IC’s internal equivalent capacitance which is calculated from the operating current consumption without load.
(RefertoTestCircuit). Average operting current canbeobtained by the following equation. ICC(opr) =CPD
•VCC •fIN +ICC’ Duty/100 + IC/2(per monostable)
(ICC’: Active Supply Current) (Duty:%)
M54/M74HC123/123A
7/14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14