Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AM261...ZEJQ1 Fiches technique(PDF) 34 Page - Texas Instruments

No de pièce AM261...ZEJQ1
Description  AM261x Sitara™ Microcontrollers
PDF  218 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI2 [Texas Instruments]
Site Internet  https://www.ti.com
Logo TI2 - Texas Instruments

AM261...ZEJQ1 Fiches technique(HTML) 34 Page - Texas Instruments

Back Button AM261...ZEJQ1 Datasheet HTML 30Page - Texas Instruments AM261...ZEJQ1 Datasheet HTML 31Page - Texas Instruments AM261...ZEJQ1 Datasheet HTML 32Page - Texas Instruments AM261...ZEJQ1 Datasheet HTML 33Page - Texas Instruments AM261...ZEJQ1 Datasheet HTML 34Page - Texas Instruments AM261...ZEJQ1 Datasheet HTML 35Page - Texas Instruments AM261...ZEJQ1 Datasheet HTML 36Page - Texas Instruments AM261...ZEJQ1 Datasheet HTML 37Page - Texas Instruments AM261...ZEJQ1 Datasheet HTML 38Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 218 page
background image
Table 5-1. Pin Attributes (ZCZ, ZFG, ZEJ, ZNC Packages) (continued)
ZCZ Ball
Number
[1]
ZFG Ball
Number
[1]
ZEJ Ball
Number
[1]
ZNC Ball
Number
[1]
Ball Name [2]/
IOMUX
Register [14]/
ADDRESS [15]/
DEFAULT VALUE [16]
Signal Name [3]
Mux
Mode [4]
TYPE
[5]
BALL
STATE
DURING
RESET
RX/TX/PULL [6]
BALL
STATE
AFTER
RESET
RX/TX/PULL [7]
MUX
MODE
AFTER
RESET [8]
IO
VOLTAGE
[9]
HYS
[11]
BUFFER
TYPE [13]
PULL
TYPE
[12]
B9
B11
D8
B10
GPIO20
GPIO20_CFG_REG
0x5310 0050
0x0000 05F7
LIN1_TXD
0
IO
Off / Off / Off
Off / Off / Off
Mode7
3.3V
Yes
LVCMOS
PU/PD
OSPI0_RESET_OUT0
1
O
SPI2_CLK
2
IO
PR1_PRU1_GPIO8
3
IO
OSPI1_RESET_OUT0
4
O
UART1_TXD
5
O
GPMC0_AD8
6
IO
GPIO20
7
IO
XBAROUT6
10
O
EPWM6_A
11
O
B8
B10
B8
A10
GPIO21
GPIO21_CFG_REG
0x5310 0054
0x0000 05F7
LIN2_RXD
0
IO
Off / Off / Off
Off / Off / Off
Mode7
3.3V
Yes
LVCMOS
PU/PD
UART2_RXD
1
I
SPI2_D0
2
IO
USB0_DRVVBUS
3
O
OSPI1_RESET_OUT1
4
O
OSPI0_RESET_OUT1
5
O
GPIO21
7
IO
GPMC0_CSn0
8
O
A8
A10
C9
B9
GPIO22
GPIO22_CFG_REG
0x5310 0058
0x0000 05F7
LIN2_TXD
0
IO
Off / Off / Off
Off / Off / Off
Mode7
3.3V
Yes
LVCMOS
PU/PD
UART2_TXD
1
O
SPI2_D1
2
IO
GPIO22
7
IO
GPMC0_ADVn_ALE
8
O
D7
B9
B7
GPIO23
GPIO23_CFG_REG
0x5310 005C
0x0000 05F7
I2C1_SCL
0
IO
Off / Off / Off
Off / Off / Off
Mode7
3.3V
Yes
LVCMOS
PU/PD
SPI3_CS0
2
IO
PR1_PRU0_GPIO17
3
IO
GPMC0_WEn
6
O
GPIO23
7
IO
XBAROUT7
10
O
C8
A9
A8
GPIO24
GPIO24_CFG_REG
0x5310 0060
0x0000 05F7
I2C1_SDA
0
IO
Off / Off / Off
Off / Off / Off
Mode7
3.3V
Yes
LVCMOS
PU/PD
SPI3_CLK
2
IO
PR1_PRU0_GPIO18
3
IO
GPMC0_OEn_REn
6
O
GPIO24
7
IO
XBAROUT8
10
O
AM2612, AM2611, AM2611-Q1, AM2612-Q1
SPRSPA7C – SEPTEMBER 2024 – REVISED JULY 2025
www.ti.com
34
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: AM2612 AM2611 AM2611-Q1 AM2612-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More