Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AM261...ZNC Fiches technique(PDF) 30 Page - Texas Instruments

No de pièce AM261...ZNC
Description  AM261x Sitara™ Microcontrollers
PDF  218 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI2 [Texas Instruments]
Site Internet  https://www.ti.com
Logo TI2 - Texas Instruments

AM261...ZNC Fiches technique(HTML) 30 Page - Texas Instruments

Back Button AM261...ZNC Datasheet HTML 26Page - Texas Instruments AM261...ZNC Datasheet HTML 27Page - Texas Instruments AM261...ZNC Datasheet HTML 28Page - Texas Instruments AM261...ZNC Datasheet HTML 29Page - Texas Instruments AM261...ZNC Datasheet HTML 30Page - Texas Instruments AM261...ZNC Datasheet HTML 31Page - Texas Instruments AM261...ZNC Datasheet HTML 32Page - Texas Instruments AM261...ZNC Datasheet HTML 33Page - Texas Instruments AM261...ZNC Datasheet HTML 34Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 218 page
background image
Table 5-1. Pin Attributes (ZCZ, ZFG, ZEJ, ZNC Packages) (continued)
ZCZ Ball
Number
[1]
ZFG Ball
Number
[1]
ZEJ Ball
Number
[1]
ZNC Ball
Number
[1]
Ball Name [2]/
IOMUX
Register [14]/
ADDRESS [15]/
DEFAULT VALUE [16]
Signal Name [3]
Mux
Mode [4]
TYPE
[5]
BALL
STATE
DURING
RESET
RX/TX/PULL [6]
BALL
STATE
AFTER
RESET
RX/TX/PULL [7]
MUX
MODE
AFTER
RESET [8]
IO
VOLTAGE
[9]
HYS
[11]
BUFFER
TYPE [13]
PULL
TYPE
[12]
D14
C16
A15
GPIO123
GPIO123_CFG_REG
0x5310 01EC
0x0000 05F7
PR0_ECAP0_APWM_OUT
0
O
Off / Off / Off
Off / Off / Off
Mode7
3.3V
Yes
LVCMOS
PU/PD
PR1_PRU1_GPIO10
1
IO
UART2_CTSn
2
I
PR1_ECAP0_APWM_OUT
3
O
PR1_UART0_RTSn
4
O
GPMC0_AD10
6
IO
GPIO123
7
IO
SDFM0_D0
8
I
A16
A19
C16
GPIO124
GPIO124_CFG_REG
0x5310 01F0
0x0000 05F7
PR0_PRU1_GPIO7
0
IO
Off / Off / Off
Off / Off / Off
Mode7
3.3V
Yes
LVCMOS
PU/PD
CPTS0_TS_SYNC
1
O
PR1_PRU0_GPIO10
2
IO
PR0_IEP0_EDC_SYNC_OUT1
3
O
PR1_UART0_RXD
4
I
GPMC0_A8
6
O
GPIO124
7
IO
SDFM0_CLK1
8
I
SDFM1_D0
9
I
UART2_TXD
10
O
UART5_RTSn
11
O
D13
B17
C14
GPIO125
GPIO125_CFG_REG
0x5310 01F4
0x0000 05F7
PR0_PRU1_GPIO17
0
IO
Off / Off / Off
Off / Off / Off
Mode7
3.3V
Yes
LVCMOS
PU/PD
PR1_PRU1_GPIO13
1
IO
UART2_RXD
2
I
PR0_IEP0_EDIO_DATA_IN_OUT30
3
IO
PR1_UART0_TXD
4
O
UART5_CTSn
5
I
GPMC0_AD13
6
IO
GPIO125
7
IO
SDFM0_D1
8
I
AM2612, AM2611, AM2611-Q1, AM2612-Q1
SPRSPA7C – SEPTEMBER 2024 – REVISED JULY 2025
www.ti.com
30
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: AM2612 AM2611 AM2611-Q1 AM2612-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More