| Moteur de recherche de fiches techniques de composants électroniques |
|
AM261...ZFG Fiches technique(PDF) 120 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
AM261...ZFG Fiches technique(HTML) 120 Page - Texas Instruments |
|
120 / 218 page ![]() 6.11.5.4.3 EQEP Switching Characteristics (3) NO. PARAMETER DESCRIPTION MIN MAX UNIT QEP6 td(CNTR)xin Delay time, external clock to internal counter increment 4 + U(2) + 6P(1) ns QEP7 td(PCS-OUT)QEP Delay time, QEP input edge to position compare sync output 4 + U(2) + 7P(1) + 4 ns (1) P = sysclk period in ns. (2) U = the input qualifier sampling window. See GPIO Electrical Data and Timing section for details on Input Qualifier Mode. (3) Some EQEP signals are pinmuxed with I2C0 SDA and SCl pins. These pins use an alternate open drain voltage buffer and may not meet the specified parameters. Values are pending additional post-silicon validation. AM2612, AM2611, AM2611-Q1, AM2612-Q1 SPRSPA7C – SEPTEMBER 2024 – REVISED JULY 2025 www.ti.com 120 Submit Document Feedback Copyright © 2025 Texas Instruments Incorporated Product Folder Links: AM2612 AM2611 AM2611-Q1 AM2612-Q1 |