Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AM261...ZFG Fiches technique(PDF) 26 Page - Texas Instruments

No de pièce AM261...ZFG
Description  AM261x Sitara™ Microcontrollers
PDF  218 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI2 [Texas Instruments]
Site Internet  https://www.ti.com
Logo TI2 - Texas Instruments

AM261...ZFG Fiches technique(HTML) 26 Page - Texas Instruments

Back Button AM261...ZFG Datasheet HTML 22Page - Texas Instruments AM261...ZFG Datasheet HTML 23Page - Texas Instruments AM261...ZFG Datasheet HTML 24Page - Texas Instruments AM261...ZFG Datasheet HTML 25Page - Texas Instruments AM261...ZFG Datasheet HTML 26Page - Texas Instruments AM261...ZFG Datasheet HTML 27Page - Texas Instruments AM261...ZFG Datasheet HTML 28Page - Texas Instruments AM261...ZFG Datasheet HTML 29Page - Texas Instruments AM261...ZFG Datasheet HTML 30Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 218 page
background image
Table 5-1. Pin Attributes (ZCZ, ZFG, ZEJ, ZNC Packages) (continued)
ZCZ Ball
Number
[1]
ZFG Ball
Number
[1]
ZEJ Ball
Number
[1]
ZNC Ball
Number
[1]
Ball Name [2]/
IOMUX
Register [14]/
ADDRESS [15]/
DEFAULT VALUE [16]
Signal Name [3]
Mux
Mode [4]
TYPE
[5]
BALL
STATE
DURING
RESET
RX/TX/PULL [6]
BALL
STATE
AFTER
RESET
RX/TX/PULL [7]
MUX
MODE
AFTER
RESET [8]
IO
VOLTAGE
[9]
HYS
[11]
BUFFER
TYPE [13]
PULL
TYPE
[12]
F15
F20
E18
GPIO103
GPIO103_CFG_REG
0x5310 019C
0x0000 05F7
PR0_PRU1_GPIO5
0
IO
Off / Off / Off
Off / Off / Off
Mode7
3.3V
Yes
LVCMOS
PU/PD
RMII1_RX_ER
2
I
MII1_RX_ER
4
I
GPIO103
7
IO
TRC_DATA0
8
O
ADC_EXTCH_XBAROUT6
9
O
C18
E20
GPIO104
GPIO104_CFG_REG
0x5310 01A0
0x0000 05F7
PR0_PRU1_GPIO9
0
IO
Off / Off / Off
Off / Off / Off
Mode7
3.3V
Yes
LVCMOS
PU/PD
PR0_UART0_RXD
1
I
PR0_IEP0_EDIO_DATA_IN_OUT31
3
IO
MII1_COL
4
I
GPMC0_A21
6
O
GPIO104
7
IO
TRC_DATA1
8
O
ADC_EXTCH_XBAROUT7
9
O
D17
E19
GPIO105
GPIO105_CFG_REG
0x5310 01A4
0x0000 05F7
PR0_PRU1_GPIO10
0
IO
Off / Off / Off
Off / Off / Off
Mode7
3.3V
Yes
LVCMOS
PU/PD
PR0_UART0_TXD
1
O
RMII1_CRS_DV
2
I
PR0_IEP0_EDIO_DATA_IN_OUT30
3
IO
MII1_CRS
4
I
GPMC0_A20
6
O
GPIO105
7
IO
TRC_DATA2
8
O
D18
G18
C19
GPIO106
GPIO106_CFG_REG
0x5310 01A8
0x0000 05F7
PR0_PRU1_GPIO8
0
IO
Off / Off / Off
Off / Off / Off
Mode7
3.3V
Yes
LVCMOS
PU/PD
GPIO106
7
IO
TRC_DATA3
8
O
E16
F19
E13
D19
GPIO107
GPIO107_CFG_REG
0x5310 01AC
0x0000 05F7
PR0_PRU1_GPIO6
0
IO
Off / Off / Off
Off / Off / Off
Mode7
3.3V
Yes
LVCMOS
PU/PD
MCAN0_RX
1
I
RMII1_REF_CLK
2
IO
RGMII1_RXC
3
I
MII1_RXCLK
4
I
GPIO107
7
IO
TRC_DATA4
8
O
AM2612, AM2611, AM2611-Q1, AM2612-Q1
SPRSPA7C – SEPTEMBER 2024 – REVISED JULY 2025
www.ti.com
26
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: AM2612 AM2611 AM2611-Q1 AM2612-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More