| Moteur de recherche de fiches techniques de composants électroniques |
|
D03476 Fiches technique(PDF) 1 Page - Premier Farnell Limited. |
|
|
|||||||||||||||||||||||||||||
D03476 Fiches technique(HTML) 1 Page - Premier Farnell Limited. |
|
|
1 / 1 page ![]() Page <1> V1.0 13/01/23 Helping Hands With 4X Magnetic Arms Newark.com/exclusive-brands Farnell.com/exclusive-brands Element14.com/exclusive-brands Features • Free up your hands for improved soldering precision and flexibility. • Four magnetic gooseneck arms with crocodile clips secured to the base for multiple configurations • Easily reposition the magnetic gooseneck arms to hold your project for improved precision and flexibility • Coated clips reduce the possibility of damage while holding projects securely in place • Strong, powder-coated steel base with non-slip feet supports various small to large soldering tasks • Suitable for PCBs, wires, stained glass, arts and crafts, or other general-purpose applications Important Notice : This data sheet and its contents (the “Information”) belong to the members of the AVNET group of companies (the “Group”) or are licensed to it. No licence is granted for the use of it other than for information purposes in connection with the products to which it relates. No licence of any intellectual property rights is granted. The Information is subject to change without notice and replaces all data sheets previously supplied. The Information supplied is believed to be accurate but the Group assumes no responsibility for its accuracy or completeness, any error in or omission from it or for any use made of it. Users of this data sheet should check for themselves the Information and the suitability of the products for their purpose and not make any assumptions based on information included or omitted. Liability for loss or damage resulting from any reliance on the Information or use of it (including liability resulting from negligence or where the Group was aware of the possibility of such loss or damage arising) is excluded. This will not operate to limit or restrict the Group’s liability for death or personal injury resulting from its negligence. DURATOOL is the registered trademark of Premier Farnell Limited 2019. Part Number Table Description Part Number Helping Hand, 4X Magnetic Arms D03476 |
Numéro de pièce similaire - D03476 |
|
Description similaire - D03476 |