Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

M74HC131C1R Fiches technique(PDF) 6 Page - STMicroelectronics

No de pièce M74HC131C1R
Description  3 TO 8 LINE DECODER/LATCH
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M74HC131C1R Fiches technique(HTML) 6 Page - STMicroelectronics

Back Button M74HC131C1R Datasheet HTML 2Page - STMicroelectronics M74HC131C1R Datasheet HTML 3Page - STMicroelectronics M74HC131C1R Datasheet HTML 4Page - STMicroelectronics M74HC131C1R Datasheet HTML 5Page - STMicroelectronics M74HC131C1R Datasheet HTML 6Page - STMicroelectronics M74HC131C1R Datasheet HTML 7Page - STMicroelectronics M74HC131C1R Datasheet HTML 8Page - STMicroelectronics M74HC131C1R Datasheet HTML 9Page - STMicroelectronics M74HC131C1R Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
AC ELECTRICAL CHARACTERISTICS (CL =50 pF, Input tr =tf =6 ns)
Symbol
Parameter
Test Conditions
Value
Unit
VCC
(V)
TA =25
oC
54HC and 74HC
-40 to 85
oC
74HC
-55 to 125
oC
54HC
Min.
Typ.
Max.
Min.
Max.
Min.
Max.
tTLH
tTHL
Output Transition
Time
2.0
30
75
95
110
ns
4.5
8
151922
6.0
7
131619
tPLH
tPHL
Propagation
Delay Time
(CLOCK - Yn)
2.0
78
200
250
300
ns
4.5
26
40
50
60
6.0
22
34
43
51
tPLH
tPHL
Propagation
Delay Time
(G - Yn)
2.0
60
140
175
210
ns
4.5
15
28
35
42
6.0
13
24
30
36
tW(H)
tW(L)
Minimum Pulse
Width
(CLOCK)
2.0
20
75
95
110
ns
4.5
6
151922
6.0
6
131619
ts
Minimum Set-up
Time
2.0
25
50
65
75
ns
4.5
5
101315
6.0
5
9
11
13
th
Minimum Hold
Time
2.0
0
0
0
ns
4.5
0
0
0
6.0
0
0
0
CIN
Input Capacitance
5
10
10
10
pF
CPD (*)
Power Dissipation
Capacitance
37
pF
(*) CPD is defined as the value of the IC’s internal equivalent capacitance which is calculated from the operating current consumption without load.
(Refer to Test Circuit). Average operting current can be obtained by the following equation. ICC(opr) = CPD
•VCC •fIN +ICC
SWITCHING CHARACTERISTICS TEST CIRCUIT
INPUT WAVEFORM
M54/M74HC131
6/12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12