Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MPC17510EJ/R2 Fiches technique(PDF) 5 Page - Freescale Semiconductor, Inc

No de pièce MPC17510EJ/R2
Description  1.2 A 15 V H-Bridge Motor Driver IC
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FREESCALE [Freescale Semiconductor, Inc]
Site Internet  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC17510EJ/R2 Fiches technique(HTML) 5 Page - Freescale Semiconductor, Inc

  MPC17510EJ/R2 Datasheet HTML 1Page - Freescale Semiconductor, Inc MPC17510EJ/R2 Datasheet HTML 2Page - Freescale Semiconductor, Inc MPC17510EJ/R2 Datasheet HTML 3Page - Freescale Semiconductor, Inc MPC17510EJ/R2 Datasheet HTML 4Page - Freescale Semiconductor, Inc MPC17510EJ/R2 Datasheet HTML 5Page - Freescale Semiconductor, Inc MPC17510EJ/R2 Datasheet HTML 6Page - Freescale Semiconductor, Inc MPC17510EJ/R2 Datasheet HTML 7Page - Freescale Semiconductor, Inc MPC17510EJ/R2 Datasheet HTML 8Page - Freescale Semiconductor, Inc MPC17510EJ/R2 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
5
17510
ELECTRICAL CHARACTERISTICS
STATIC ELECTRICAL CHARACTERISTICS
STATIC ELECTRICAL CHARACTERISTICS
Table 3. Static Electrical Characteristics
Characteristics noted under conditions TA = 25°C, VM = 15 V, VDD = 5.0 V, GND = 0 V unless otherwise noted. Typical values
noted reflect the approximate parameter means at TA = 25°C under nominal conditions unless otherwise noted.
Characteristic
Symbol
Min
Typ
Max
Unit
POWER
Motor Supply Voltage
VM
2.0
–
15
V
Logic Supply Voltage
VDD
4.0
–
5.5
V
Capacitor for Charge Pump
C1, C2, C3
0.001
–
0.1
µF
Standby Power Supply Current (6)
Motor Supply Standby Current
Logic Supply Standby Current
I
VMSTBY
I
VDDSTBY
–
–
–
0.3
1.0
1.0
µA
mA
Logic Supply Current (7)
I
VDD
–
3.3
4.0
mA
Low-Voltage Detection Circuit
Detection Voltage (VDD)
(8)
Detection Voltage (VM)
VDDDET
VMDET
1.5
4.0
2.5
5.0
3.5
6.0
V
Driver Output ON Resistance (9)
VM = 2.0 V, 8.0 V, 15 V
RDS(ON)
–
0.45
0.55
Ω
GATE DRIVE
Gate Drive Voltage (10)
No Current Load
V
CRES
12
13
13.5
V
Gate Drive Ability (Internally Supplied)
I
CRES = -1.0 mA
V
CRESLOAD
10
11.2
–
V
Gate Drive Output
IOUT = -50 µA
IIN = 50 µA
VGOUTHIGH
VGOUTLOW
V
CRES
-
0.5
LGND
V
CRES
-
0.1
LGND +0.1
V
CRES
LGND+0.5
V
CONTROL LOGIC
Logic Input Voltage (EN, IN1, IN2, GIN)
VIN
0
–
VDD
V
Logic Input Function (4.0 V < VDD < 5.5 V)
High-Level Input Voltage
Low-Level Input Voltage
High-Level Input Current
Low-Level Input Current
EN/GIN Pin
VIH
VIL
IIH
IIL
IIL
VDD x 0.7
–
–
-1.0
-200
–
–
–
–
-50
–
VDD x 0.3
1.0
–
–
V
V
µA
µA
µA
Notes
6.
Excluding pull-up resistor current, including current of gate-drive circuit.
7.
fIN = 100 kHz.
8.
Detection voltage is defined as when the output becomes high-impedance after VDD drops below the detection threshold. When the gate
voltage
V
CRES is applied from an external source,
V
CRES = 7.5 V.
9.
IO = 1.2 A source + sink.
10.
Input logic signal not present.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com