Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

M50LPW080K1G Fiches technique(PDF) 43 Page - STMicroelectronics

No de pièce M50LPW080K1G
Description  8 Mbit 1Mb x8, Uniform Block 3V Supply Low Pin Count Flash Memory
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M50LPW080K1G Fiches technique(HTML) 43 Page - STMicroelectronics

Back Button M50LPW080K1G Datasheet HTML 36Page - STMicroelectronics M50LPW080K1G Datasheet HTML 37Page - STMicroelectronics M50LPW080K1G Datasheet HTML 38Page - STMicroelectronics M50LPW080K1G Datasheet HTML 39Page - STMicroelectronics M50LPW080K1G Datasheet HTML 40Page - STMicroelectronics M50LPW080K1G Datasheet HTML 41Page - STMicroelectronics M50LPW080K1G Datasheet HTML 42Page - STMicroelectronics M50LPW080K1G Datasheet HTML 43Page - STMicroelectronics M50LPW080K1G Datasheet HTML 44Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 43 / 44 page
background image
43/44
M50LPW080
REVISION HISTORY
Table 30. Revision History
Date
Version
Revision Details
April 2001
-01
First Issue
22-June-2001
-02
Clock Cycle Number 2 changed (Table 7. and Table 8.)
Low Pin Count Register Configuration Map (Table 12.) clarification
03-Sep-2001
-03
PLCC32 package added
Note 2 changed under Table 4.
24-Oct-2001
-04
Document Status changed from Product Preview to Preliminary Data
VPP Optional Supply Voltage section clarified
12-Mar-2002
-05
RFU pins must be left disconnected
Specification of PLCC32 package mechanical data revised
02-Aug-2004
8.0
Revision numbering modified. Document reformatted.
Temperature Range ordering information replaced by Device Grade, Standard
packing option added and Plating Technology added. TLEAD parameter added to
Absolute Maximum Ratings and TBIAS parameter removed.
Inch values corrected in TSOP40 package mechanical data.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44