| Moteur de recherche de fiches techniques de composants électroniques |
|
REF6030IDGKT Fiches technique(PDF) 30 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
REF6030IDGKT Fiches technique(HTML) 30 Page - Texas Instruments |
|
30 / 35 page ![]() PACKAGE OPTION ADDENDUM www.ti.com 7-Apr-2026 PACKAGING INFORMATION Orderable part number Status (1) Material type (2) Package | Pins Package qty | Carrier RoHS (3) Lead finish/ Ball material (4) MSL rating/ Peak reflow (5) Op temp (°C) Part marking (6) REF6025IDGKR Active Production null (null) | 2500 | LARGE T&R Yes NIPDAU Level-2-260C-1 YEAR -40 to 125 11KV REF6025IDGKR.B Active Production VSSOP (DGK) | 8 2500 | LARGE T&R Yes NIPDAU Level-2-260C-1 YEAR -40 to 125 11KV REF6025IDGKT Active Production null (null) | 250 | SMALL T&R Yes NIPDAU Level-2-260C-1 YEAR -40 to 125 11KV REF6025IDGKT.B Active Production VSSOP (DGK) | 8 250 | SMALL T&R Yes NIPDAU Level-2-260C-1 YEAR -40 to 125 11KV REF6025IDGKTG4 Active Production null (null) | 250 | SMALL T&R Yes NIPDAU Level-2-260C-1 YEAR -40 to 125 11KV REF6025IDGKTG4.B Active Production VSSOP (DGK) | 8 250 | SMALL T&R Yes NIPDAU Level-2-260C-1 YEAR -40 to 125 11KV REF6030IDGKR Active Production null (null) | 2500 | LARGE T&R Yes NIPDAU Level-2-260C-1 YEAR -40 to 125 11LV REF6030IDGKR.B Active Production VSSOP (DGK) | 8 2500 | LARGE T&R Yes NIPDAU Level-2-260C-1 YEAR -40 to 125 11LV REF6030IDGKT Active Production null (null) | 250 | SMALL T&R Yes NIPDAU Level-2-260C-1 YEAR -40 to 125 11LV REF6030IDGKT.B Active Production VSSOP (DGK) | 8 250 | SMALL T&R Yes NIPDAU Level-2-260C-1 YEAR -40 to 125 11LV REF6033IDGKR Active Production null (null) | 2500 | LARGE T&R Yes NIPDAU Level-2-260C-1 YEAR -40 to 125 11MV REF6033IDGKR.B Active Production VSSOP (DGK) | 8 2500 | LARGE T&R Yes NIPDAU Level-2-260C-1 YEAR -40 to 125 11MV REF6033IDGKT Active Production null (null) | 250 | SMALL T&R Yes NIPDAU Level-2-260C-1 YEAR -40 to 125 11MV REF6033IDGKT.B Active Production VSSOP (DGK) | 8 250 | SMALL T&R Yes NIPDAU Level-2-260C-1 YEAR -40 to 125 11MV REF6041IDGKR Active Production null (null) | 2500 | LARGE T&R Yes NIPDAU Level-2-260C-1 YEAR -40 to 125 11NV REF6041IDGKR.B Active Production VSSOP (DGK) | 8 2500 | LARGE T&R Yes NIPDAU Level-2-260C-1 YEAR -40 to 125 11NV REF6041IDGKT Active Production null (null) | 250 | SMALL T&R Yes NIPDAU Level-2-260C-1 YEAR -40 to 125 11NV REF6041IDGKT.B Active Production VSSOP (DGK) | 8 250 | SMALL T&R Yes NIPDAU Level-2-260C-1 YEAR -40 to 125 11NV REF6041IDGKTG4 Active Production null (null) | 250 | SMALL T&R Yes NIPDAU Level-2-260C-1 YEAR -40 to 125 11NV REF6041IDGKTG4.B Active Production VSSOP (DGK) | 8 250 | SMALL T&R Yes NIPDAU Level-2-260C-1 YEAR -40 to 125 11NV REF6045IDGKR Active Production null (null) | 2500 | LARGE T&R Yes NIPDAU Level-2-260C-1 YEAR -40 to 125 13SG REF6045IDGKR.B Active Production VSSOP (DGK) | 8 2500 | LARGE T&R Yes NIPDAU Level-2-260C-1 YEAR -40 to 125 13SG REF6045IDGKT Active Production null (null) | 250 | SMALL T&R Yes NIPDAU Level-2-260C-1 YEAR -40 to 125 13SG REF6045IDGKT.B Active Production VSSOP (DGK) | 8 250 | SMALL T&R Yes NIPDAU Level-2-260C-1 YEAR -40 to 125 13SG REF6050IDGKR Active Production null (null) | 2500 | LARGE T&R Yes NIPDAU Level-2-260C-1 YEAR -40 to 125 13QV REF6050IDGKR.B Active Production VSSOP (DGK) | 8 2500 | LARGE T&R Yes NIPDAU Level-2-260C-1 YEAR -40 to 125 13QV REF6050IDGKRG4 Active Production null (null) | 2500 | LARGE T&R Yes NIPDAU Level-2-260C-1 YEAR -40 to 125 13QV REF6050IDGKRG4.B Active Production VSSOP (DGK) | 8 2500 | LARGE T&R Yes NIPDAU Level-2-260C-1 YEAR -40 to 125 13QV REF6050IDGKT Active Production null (null) | 250 | SMALL T&R Yes NIPDAU Level-2-260C-1 YEAR -40 to 125 13QV Addendum-Page 1 |