| Moteur de recherche de fiches techniques de composants électroniques |
|
ST72361 Fiches technique(PDF) 219 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ST72361 Fiches technique(HTML) 219 Page - STMicroelectronics |
|
219 / 224 page ![]() ST72361 219/224 IMPORTANT NOTES (Cont’d) software sequence is given for both cases (global interrupt disabled/enabled). Case 1: Writing to PxOR or PxDDR with Global In- terrupts Enabled: LD A,#01 LD sema,A ; set the semaphore to '1' LD A,PFDR AND A,#02 LD X,A ; store the level before writing to PxOR/PxDDR LD A,#$90 LD PFDDR,A ; Write to PFDDR LD A,#$ff LD PFOR,A ; Write to PFOR LD A,PFDR AND A,#02 LD Y,A ; store the level after writing to PxOR/PxDDR LD A,X ; check for falling edge cp A,#02 jrne OUT TNZ Y jrne OUT LD A,sema ; check the semaphore status if edge is detected CP A,#01 jrne OUT call call_routine; call the interrupt routine OUT:LD A,#00 LD sema,A .call_routine ; entry to call_routine PUSH A PUSH X PUSH CC .ext1_rt ; entry to interrupt routine LD A,#00 LD sema,A IRET Case 2: Writing to PxOR or PxDDR with Global In- terrupts Disabled: SIM ; set the interrupt mask LD A,PFDR AND A,#$02 LD X,A ; store the level before writing to PxOR/PxDDR LD A,#$90 LD PFDDR,A; Write into PFDDR LD A,#$ff LD PFOR,A ; Write to PFOR LD A,PFDR AND A,#$02 LD Y,A ; store the level after writing to PxOR/ PxDDR LD A,X ; check for falling edge cp A,#$02 jrne OUT TNZ Y jrne OUT LD A,#$01 LD sema,A ; set the semaphore to '1' if edge is detected RIM ; reset the interrupt mask LD A,sema ; check the semaphore status CP A,#$01 jrne OUT call call_routine; call the interrupt routine RIM OUT: RIM JP while_loop .call_routine ; entry to call_routine PUSH A PUSH X PUSH CC .ext1_rt ; entry to interrupt routine LD A,#$00 LD sema,A IRET 16.1.4 Unexpected Reset Fetch If an interrupt request occurs while a "POP CC" in- struction is executed, the interrupt controller does not recognise the source of the interrupt and, by default, passes the RESET vector address to the CPU. Workaround To solve this issue, a "POP CC" instruction must always be preceded by a "SIM" instruction. |