| Moteur de recherche de fiches techniques de composants électroniques |
|
ST72361 Fiches technique(PDF) 95 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ST72361 Fiches technique(HTML) 95 Page - STMicroelectronics |
|
95 / 224 page ![]() ST72361 95/224 8-BIT TIMER (Cont’d) Figure 63. Input Capture Block Diagram Figure 64. Input Capture Timing Diagram ICIE CC0 CC1 8-bit FREE RUNNING COUNTER IEDG1 (Control Register 1) CR1 (Control Register 2) CR2 ICF2 ICF1 0 0 0 (Status Register) SR IEDG2 ICAP1 ICAP2 EDGE DETECT CIRCUIT2 8-bit IC1R Register IC2R Register EDGE DETECT CIRCUIT1 pin pin 01 02 03 03 TIMER CLOCK COUNTER REGISTER ICAPi PIN ICAPi FLAG ICAPi REGISTER Note: The rising edge is the active edge . |