| Moteur de recherche de fiches techniques de composants électroniques |
|
RC19302A00AGNT#BD0 Fiches technique(PDF) 32 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
RC19302A00AGNT#BD0 Fiches technique(HTML) 32 Page - Renesas Technology Corp |
|
32 / 62 page ![]() R31DS0210EU0106 Rev.1.06 Page 32 May 11, 2026 RC193xx Datasheet 4. General SMBus Serial Interface Information 4.1 How to Write ▪ Controller (host) sends a start bit ▪ Controller (host) sends the write address ▪ Renesas clock will acknowledge ▪ Controller (host) sends the beginning byte Location = N ▪ Renesas clock will acknowledge ▪ Controller (host) sends the byte count = X ▪ Renesas clock will acknowledge ▪ Controller (host) starts sending Byte N through Byte N+X-1 ▪ Renesas clock will acknowledge each byte one at a time ▪ Controller (host) sends a stop bit 4.2 How to Read ▪ Controller (host) will send a start bit ▪ Controller (host) sends the write address ▪ Renesas clock will acknowledge ▪ Controller (host) sends the beginning byte Location = N ▪ Renesas clock will acknowledge ▪ Controller (host) will send a separate start bit ▪ Controller (host) sends the read address ▪ Renesas clock will acknowledge ▪ Renesas clock will send the data byte count = X ▪ Renesas clock sends Byte N+X-1 ▪ Renesas clock sends Byte L through Byte X (if X(H) was written to Byte 7) ▪ Controller (host) will need to acknowledge each byte ▪ Controller (host) will send a not acknowledge bit ▪ Controller (host) will send a stop bit Index Block Write Operation Controller (Host) Renesas T starT bit Target Address WR WRite ACK Beginning Byte = N ACK Data Byte Count = X ACK Beginning Byte N ACK O O O O O O Byte N + X - 1 ACK P stoP bit Index Block Read Operation Controller (Host) Renesas T starT bit Target Address WR WRite ACK Beginning Byte = N ACK RT Repeat starT Target Address RD ReaD ACK Data Byte Count=X ACK Beginning Byte N ACK O O O O O O Byte N + X - 1 N Not P stoP bit |