Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

M5480 Fiches technique(PDF) 5 Page - STMicroelectronics

No de pièce M5480
Description  LED DISPLAY DRIVER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M5480 Fiches technique(HTML) 5 Page - STMicroelectronics

  M5480 Datasheet HTML 1Page - STMicroelectronics M5480 Datasheet HTML 2Page - STMicroelectronics M5480 Datasheet HTML 3Page - STMicroelectronics M5480 Datasheet HTML 4Page - STMicroelectronics M5480 Datasheet HTML 5Page - STMicroelectronics M5480 Datasheet HTML 6Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
+V C
b)
+VC
VOUT +VD
c)
The worst case condition for the device is when
roughly half of the maximum number of segments
are activated.
It must be checked that the total power dissipation
does not exceed the absolute maximum ratings of
the device.
In critical cases more resistors can be used in
conjunction with groups of segments.
In this case the current variation in the single
resistor is reduced and Ptot limited.
In this configuration the drop on the serial con-
nected diodes is quite stable if the diodes are
properly chosen.
The total power dissipation of the IC depends, in a
first approximation, only on the number of seg-
ments activated.
In this configuration VOUT + VDis constant. The total
power dissipation of the IC depends only on the
number of segments activated.
M5480
5/6



Html Pages

1 2 3 4 5 6