| Moteur de recherche de fiches techniques de composants électroniques |
|
M50FW080NB5TP Fiches technique(PDF) 44 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
M50FW080NB5TP Fiches technique(HTML) 44 Page - STMicroelectronics |
|
44 / 56 page ![]() DC and AC parameters M50FW080 44/55 Figure 14. A/A Mux interface Write AC waveforms AI04194 tCLAX tCHAX tWHDX tDVWH VALID SRD A0-A10 G DQ0-DQ7 RC tCHWH tWHRL C1 W R1 tAVCL tAVCH R2 C2 tWLWH tWHWL RB VPP tVPHWH tWHGL tQVVPL DIN1 DIN2 Write erase or program setup Write erase confirm or valid address and data Automated erase or program delay Read Status Register Data Ready to write another command Table 25. A/A Mux interface Write AC characteristics Symbol Parameter Test condition Value Unit tWLWH Write Enable Low to Write Enable High Min 100 ns tDVWH Data Valid to Write Enable High Min 50 ns tWHDX Write Enable High to Data Transition Min 5 ns tAVCL Row Address Valid to RC Low Min 50 ns tCLAX RC Low to Row Address Transition Min 50 ns tAVCH Column Address Valid to RC High Min 50 ns tCHAX RC High to Column Address Transition Min 50 ns tWHWL Write Enable High to Write Enable Low Min 100 ns tCHWH RC High to Write Enable High Min 50 ns tVPHWH (1) VPP High to Write Enable High Min 100 ns tWHGL Write Enable High to Output Enable Low Min 30 ns tWHRL Write Enable High to RB Low Min 0 ns tQVVPL (1),(2) Output Valid, RB High to VPP Low Min 0 ns 1. Sampled only, not 100% tested. 2. Applicable if VPP is seen as a logic input (VPP < 3.6V). |