| Moteur de recherche de fiches techniques de composants électroniques |
|
LNBS21 Fiches technique(PDF) 3 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
LNBS21 Fiches technique(HTML) 3 Page - STMicroelectronics |
|
3 / 21 page ![]() LNBS21 3/21 Table 1: Ordering Codes Table 2: Absolute Maximum Ratings Absolute Maximum Ratings are those values beyond which damage to the device may occur. Functional operation under these condition is not implied. Table 3: Thermal Data Figure 2: Pin Connection (top view) TYPE PowerSO-20 (Tube) PowerSO-20 (Tape & Reel) LNBS21 LNBS21PD LNBS21PD-TR Symbol Parameter Value Unit VCC DC Input Voltage 16 V VUP DC Input Voltage 25 V VLT1, VLT2 DC Input Voltage 20 V IO Output Current Internally Limited mA VO DC Output Pin Voltage -0.3 to 22 V VI Logic Input Voltage (SDA, SCL, DSQIN) -0.3 to 7 V VDETIN Detector Input Signal Amplitude 2 VPP VOH Logic High Output Voltage (DSQOUT) 7V ILT Bypass Switch ON Current 900 mA VLT Bypass Switch OFF Voltage ±20 V IGATE Gate Current ±400 mA VSENSE Current Sense Voltage -0.3 to 1 V VADDRESS Address Pin Voltage -0.3 to 7 V Tstg Storage Temperature Range -40 to +150 °C Top Operating Junction Temperature Range -40 to +125 °C Symbol Parameter PowerSO-20 Unit Rthj-case Thermal Resistance Junction-case 2°C/W PowerSO-20 |