| Moteur de recherche de fiches techniques de composants électroniques |
|
M48Z35AV-70PC1 Fiches technique(PDF) 2 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
M48Z35AV-70PC1 Fiches technique(HTML) 2 Page - STMicroelectronics |
|
2 / 16 page ![]() M48Z35AY, M48Z35AV 2/16 Figure 2A. DIP Pin Connections A1 A0 DQ0 A7 A4 A3 A2 A6 A5 A13 A10 A8 A9 DQ7 W A11 G E DQ5 DQ1 DQ2 DQ3 VSS DQ4 DQ6 A12 A14 VCC AI02782B M48Z35AY M48Z35AV 8 1 2 3 4 5 6 7 9 10 11 12 13 14 16 15 28 27 26 25 24 23 22 21 20 19 18 17 Table 2. Absolute Maximum Ratings (1) Note: 1. Stresses greater than those listed under "Absolute Maximum Ratings" may cause permanent damage to the device. This is a stress rating only and functional operation of the device at these or any other conditions above those indicated in the operational section of this specification is not implied. Exposure to the absolute maximum rating conditions for extended periods of time may affect reliability. 2. Soldering temperature not to exceed 260°C for 10 seconds (total thermal budget not to exceed 150°C for longer than 30 seconds). CAUTION: Negative undershoots below –0.3V are not allowed on any pin while in the Battery Back-up mode. CAUTION: Do NOT wave solder SOIC to avoid damaging SNAPHAT sockets. Symbol Parameter Value Unit TA Ambient Operating Temperature Grade 1 Grade 6 0 to 70 –40 to 85 °C TSTG Storage Temperature (VCC Off) SNAPHAT SOIC –40 to 85 –55 to 125 °C TSLD (2) Lead Solder Temperature for 10 seconds 260 °C VIO Input or Output Voltages –0.3 to 7 V VCC Supply Voltage –0.3 to 7 V IO Output Current 20 mA PD Power Dissipation 1 W Figure 2B. SOIC Pin Connections AI02783 8 2 3 4 5 6 7 9 10 11 12 13 14 22 21 20 19 18 17 16 15 28 27 26 25 24 23 1 A1 A0 DQ0 A7 A4 A3 A2 A6 A5 A13 A10 A8 A9 DQ7 W A11 G E DQ5 DQ1 DQ2 DQ3 VSS DQ4 DQ6 A12 A14 VCC M48Z35AY M48Z35AV |