| Moteur de recherche de fiches techniques de composants électroniques |
|
M28W640ECT10ZB6F Fiches technique(PDF) 31 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
M28W640ECT10ZB6F Fiches technique(HTML) 31 Page - STMicroelectronics |
|
31 / 55 page ![]() 31/55 M28W640ECT, M28W640ECB Figure 14. TFBGA48 6.39x10.5mm - 8x6 ball array, 0.75mm pitch, Bottom View Package Outline Note: Drawing is not to scale. Table 21. TFBGA48 6.39x10.5mm - 8x6 ball array, 0.75mm pitch, Package Mechanical Data Symbol millimeters inches Typ Min Max Typ Min Max A 1.200 0.0472 A1 0.260 0.0102 A2 1.000 0.0394 b 0.400 0.350 0.450 0.0157 0.0138 0.0177 D 6.390 6.290 6.490 0.2516 0.2476 0.2555 D1 5.250 – – 0.2067 – – ddd 0.100 0.0039 E 10.500 10.400 10.600 0.4134 0.4094 0.4173 E1 3.750 – – 0.1476 – – e 0.750 – – 0.0295 – – FD 0.570 – – 0.0224 – – FE 3.375 – – 0.1329 – – SD 0.375 – – 0.0148 – – SE 0.375 – – 0.0148 – – E1 E D1 D A2 A1 A BGA-Z34 ddd e e SD SE b FE FD BALL "A1" |