Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LM2904WH Fiches technique(PDF) 9 Page - STMicroelectronics

No de pièce LM2904WH
Description  Low power dual operational amplifier
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LM2904WH Fiches technique(HTML) 9 Page - STMicroelectronics

Back Button LM2904WH Datasheet HTML 4Page - STMicroelectronics LM2904WH Datasheet HTML 5Page - STMicroelectronics LM2904WH Datasheet HTML 6Page - STMicroelectronics LM2904WH Datasheet HTML 7Page - STMicroelectronics LM2904WH Datasheet HTML 8Page - STMicroelectronics LM2904WH Datasheet HTML 9Page - STMicroelectronics LM2904WH Datasheet HTML 10Page - STMicroelectronics LM2904WH Datasheet HTML 11Page - STMicroelectronics LM2904WH Datasheet HTML 12Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
LM2904WH
Package information
9/12
4
Package information
In order to meet environmental requirements, STMicroelectronics offers these devices in
ECOPACK® packages. These packages have a lead-free second level interconnect. The
category of second level interconnect is marked on the package and on the inner box label,
in compliance with JEDEC Standard JESD97. The maximum ratings related to soldering
conditions are also marked on the inner box label. ECOPACK is an STMicroelectronics
trademark. ECOPACK specifications are available at: www.st.com.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12