| Moteur de recherche de fiches techniques de composants électroniques |
|
M28W640ECT85ZB1F Fiches technique(PDF) 23 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
M28W640ECT85ZB1F Fiches technique(HTML) 23 Page - STMicroelectronics |
|
23 / 55 page ![]() 23/55 M28W640ECT, M28W640ECB Table 15. DC Characteristics Symbol Parameter Test Condition Min Typ Max Unit ILI Input Leakage Current 0V ≤ VIN ≤ VDDQ ±1 µA ILO Output Leakage Current 0V ≤ VOUT ≤VDDQ ±10 µA IDD Supply Current (Read) E = VSS, G = VIH, f = 5MHz 918 mA IDD1 Supply Current (Stand-by or Automatic Stand-by) E = VDDQ ± 0.2V, RP = VDDQ ± 0.2V 15 50 µA IDD2 Supply Current (Reset) RP = VSS ± 0.2V 15 50 µA IDD3 Supply Current (Program) Program in progress VPP = 12V ± 5% 510 mA Program in progress VPP = VDD 10 20 mA IDD4 Supply Current (Erase) Erase in progress VPP = 12V ± 5% 520 mA Erase in progress VPP = VDD 10 20 mA IDD5 Supply Current (Program/Erase Suspend) E = VDDQ ± 0.2V, Erase suspended 15 50 µA IPP Program Current (Read or Stand-by) VPP > VDD 400 µA IPP1 Program Current (Read or Stand-by) VPP ≤ VDD 15 µA IPP2 Program Current (Reset) RP = VSS ± 0.2V 15 µA IPP3 Program Current (Program) Program in progress VPP = 12V ± 5% 110 mA Program in progress VPP = VDD 15 µA IPP4 Program Current (Erase) Erase in progress VPP = 12V ± 5% 310 mA Erase in progress VPP = VDD 15 µA VIL Input Low Voltage –0.5 0.4 V VDDQ ≥ 2.7V –0.5 0.8 V VIH Input High Voltage VDDQ –0.4 VDDQ +0.4 V VDDQ ≥ 2.7V 0.7 VDDQ VDDQ +0.4 V VOL Output Low Voltage IOL = 100µA, VDD = VDD min, VDDQ = VDDQ min 0.1 V VOH Output High Voltage IOH = –100µA, VDD = VDD min, VDDQ = VDDQ min VDDQ –0.1 V VPP1 Program Voltage (Program or Erase operations) 1.65 3.6 V VPPH Program Voltage (Program or Erase operations) 11.4 12.6 V VPPLK Program Voltage (Program and Erase lock-out) 1V VLKO VDD Supply Voltage (Program and Erase lock-out) 2V |